Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6300A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N6300A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N6300A Datasheet(HTML) 2 Page - Vishay Siliconix

  1N6300A Datasheet HTML 1Page - Vishay Siliconix 1N6300A Datasheet HTML 2Page - Vishay Siliconix 1N6300A Datasheet HTML 3Page - Vishay Siliconix 1N6300A Datasheet HTML 4Page - Vishay Siliconix 1N6300A Datasheet HTML 5Page - Vishay Siliconix 1N6300A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA = 25°C unless otherwise noted)
Breakdown Voltage
Maximum
Maximum
Maximum
Maximum
General
V(BR) at IT
(1)
Test
Stand-off
Reverse
Peak Pulse
Clamping
Temp.
JEDEC
Semiconductor
(V)
Current
Voltage
Leakage
Current
Voltage
Coefficient
Type
Part
IT
VWM
at VWM
IPPM
(2)
at IPPM
of V(BR)
Number
Number
Min
Max
(mA)
(V)
ID
(4) (µA)
(A)
VC (V)
(% / °C)
1N6267
+1.5KE6.8
6.12
7.48
10
5.50
1000
139
10.8
0.057
1N6267A
+1.5KE6.8A
6.45
7.14
10
5.80
1000
143
10.5
0.057
1N6268
+1.5KE7.5
6.75
8.25
10
6.05
500
128
11.7
0.061
1N6268A
+1.5KE7.5A
7.13
7.88
10
6.40
500
133
11.3
0.061
1N6269
+1.5KE8.2
7.38
9.02
10
6.63
200
120
12.5
0.065
1N6269A
+1.5KE8.2A
7.79
8.61
10
7.02
200
124
12.1
0.065
1N6270
+1.5KE9.1
8.19
10.0
1.0
7.37
50
109
13.8
0.068
1N6270A
+1.5KE9.1A
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1N6271
+1.5KE10
9.00
11.0
1.0
8.10
10
100
15.0
0.073
1N6271A
+1.5KE10A
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1N6272
+1.5KE11
9.90
12.1
1.0
8.92
5.0
92.6
16.2
0.075
1N6272A
+1.5KE11A
10.5
11.6
1.0
9.40
5.0
96.2
15.6
0.075
1N6273
+1.5KE12
10.8
13.2
1.0
9.72
5.0
86.7
17.3
0.076
1N6273A
+1.5KE12A
11.4
12.6
1.0
10.2
5.0
89.8
16.7
0.078
1N6274
+1.5KE13
11.7
14.3
1.0
10.5
5.0
78.9
19.0
0.081
1N6274A
+1.5KE13A
12.4
13.7
1.0
11.1
5.0
82.4
18.2
0.081
1N6275
+1.5KE15
13.5
16.5
1.0
12.1
1.0
68.2
22.0
0.084
1N6275A
+1.5KE15A
14.3
15.8
1.0
12.8
1.0
70.8
21.2
0.084
1N6276
+1.5KE16
14.4
17.6
1.0
12.9
1.0
63.8
23.5
0.086
1N6276A
+1.5KE16A
15.2
16.8
1.0
13.6
1.0
66.7
22.5
0.086
1N6277
+1.5KE18
16.2
19.8
1.0
14.5
1.0
56.6
26.5
0.088
1N6277A
+1.5KE18A
17.1
18.9
1.0
15.3
1.0
59.5
25.2
0.089
1N6278
+1.5KE20
18.0
22.0
1.0
16.2
1.0
51.5
29.1
0.090
1N6278A
+1.5KE20A
19.0
21.0
1.0
17.1
1.0
54.2
27.7
0.090
1N6279
+1.5KE22
19.8
24.2
1.0
17.8
1.0
47.0
31.9
0.092
1N6279A
+1.5KE22A
20.9
23.1
1.0
18.8
1.0
49.0
30.6
0.092
1N6280
+1.5KE24
21.6
26.4
1.0
19.4
1.0
43.2
34.7
0.094
1N6280A
+1.5KE24A
22.8
25.2
1.0
20.5
1.0
45.2
33.2
0.094
1N6281
+1.5KE27
24.3
29.7
1.0
21.8
1.0
38.4
39.1
0.096
1N6281A
+1.5KE27A
25.7
28.4
1.0
23.1
1.0
40.0
37.5
0.096
1N6282
+1.5KE30
27.0
33.0
1.0
24.3
1.0
34.5
43.5
0.097
1N6282A
+1.5KE30A
28.5
31.5
1.0
25.6
1.0
36.2
41.4
0.097
1N6283
+1.5KE33
29.7
36.3
1.0
26.8
1.0
31.4
47.7
0.098
1N6283A
+1.5KE33A
31.4
34.7
1.0
28.2
1.0
32.8
45.7
0.098
1N6284
+1.5KE36
32.4
39.6
1.0
29.1
1.0
28.8
52.0
0.099
1N6284A
+1.5KE36A
34.2
37.8
1.0
30.8
1.0
30.1
49.9
0.099
1N6285
+1.5KE39
35.1
42.9
1.0
31.6
1.0
26.6
56.4
0.100
1N6285A
+1.5KE39A
37.1
41.0
1.0
33.3
1.0
27.8
53.9
0.100
1N6286
+1.5KE43
38.7
47.3
1.0
34.8
1.0
24.2
61.9
0.101
1N6286A
+1.5KE43A
40.9
45.2
1.0
36.8
1.0
25.3
59.3
0.101
1N6287
+1.5KE47
42.3
51.7
1.0
38.1
1.0
22.1
67.8
0.101
1N6287A
+1.5KE47A
44.7
49.4
1.0
40.2
1.0
23.1
64.8
0.101
1N6288
+1.5KE51
45.9
56.1
1.0
41.3
1.0
20.4
73.5
0.102
1N6288A
+1.5KE51A
48.5
53.6
1.0
43.6
1.0
21.4
70.1
0.102
1N6289
+1.5KE56
50.4
61.8
1.0
45.4
1.0
18.6
80.5
0.103
1N6289A
+1.5KE56A
53.2
58.8
1.0
47.8
1.0
19.5
77.0
0.103
1N6290
+1.5KE62
55.8
68.2
1.0
50.2
1.0
16.9
89.0
0.104
1N6290A
+1.5KE62A
58.9
65.1
1.0
53.0
1.0
17.6
85.0
0.104
1N6291
+1.5KE68
61.2
74.8
1.0
55.1
1.0
15.3
98.0
0.104
1N6291A
+1.5KE68A
64.6
71.4
1.0
58.1
1.0
16.3
92.0
0.104
1N6292
+1.5KE75
67.5
82.5
1.0
60.7
1.0
13.9
109
0.105
www.vishay.com
Document Number 88301
2
30-Oct-02
1.5KE Series and 1N6267 thru 1N6303A
Vishay Semiconductors
formerly General Semiconductor


Similar Part No. - 1N6300A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6300A TRSYS-1N6300A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6300A BILIN-1N6300A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
1N6300A GXELECTRONICS-1N6300A Datasheet
635Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6300A DCCOM-1N6300A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6300A VISHAY-1N6300A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - 1N6300A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com