Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N1900K Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB3N1900K
Description  Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N1900K Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB3N1900K_16 Datasheet HTML 6Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 7Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 8Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 9Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 10Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 11Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 12Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 13Page - ON Semiconductor NB3N1900K_16 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NB3N1900K
www.onsemi.com
10
Table 12. ELECTRICAL CHARACTERISTICS − CURRENT CONSUMPTION
(VDD = VDDA = 3.3 V ±5%, TA = −10°C to +70°C), See Test Loads for Loading Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD3.3OP
Operating Supply Current (Note 19)
All outputs active @ 100.00 MHz,
CL = Full load
550
mA
IDD3.3PDZ
Powerdown Current (Note 19)
All differential pairs tri−stated
36
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
19. Guaranteed by design and characterization, not tested in production.
Table 13. ELECTRICAL CHARACTERISTICS − SKEW AND DIFFERENTIAL JITTER PARAMETERS
(VDD = VDDA = 3.3 V ±5%, TA = −10°C to +70°C), See Test Loads for Loading Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSPO_PLL
CLK_IN, DIF[x:0]
(Notes 20, 21, 23, 24 and 27)
Input−to−Output Skew in PLL mode nominal
value @ 25
°C, 3.3 V
−100
100
ps
tPD_BYP
CLK_IN, DIF[x:0]
(Notes 20, 21, 22, 24 and 27)
Input−to−Output Skew in Bypass mode
nominal value @ 25
°C, 3.3 V
2.5
4.5
ns
tDSPO_PLL
CLK_IN, DIF[x:0]
(Notes 20, 21, 22, 24 and 27)
Input−to−Output Skew Variation in PLL mode
across voltage and temperature
|100|
ps
tDSPO_BYP
CLK_IN, DIF[x:0]
(Notes 20, 21, 22, 24 and 27)
Input−to−Output Skew Variation in Bypass
mode across voltage and temperature
−250
250
ps
tSKEW_ALL DIF{x:0] (Notes 20, 21, 22 and 27)
Output−to−Output Skew across all outputs
(Common to Bypass and PLL mode)
65
ps
jpeak−hibw
PLL Jitter Peaking
(Notes 26 and 27)
HBW_BYP_LBW# = 1
0
2.5
dB
jpeak−lobw
PLL Jitter Peaking
(Notes 26 and 27)
HBW_BYP_LBW# =
0
0
2
dB
pllHIBW
PLL Bandwidth (Notes 27 and 28)
HBW_BYP_LBW# = 1
2
4
MHz
pllLOBW
PLL Bandwidth (Notes 27 and 28)
HBW_BYP_LBW# =
0
0.7
1.4
MHz
tDC
Duty Cycle (Notes 20 and 27)
Measured differentially, PLL Mode
45
50
55
%
tDCD
Duty Cycle Distortion
(Notes 20 and 29)
Measured differentially, Bypass Mode
@ 100.00 MHz
−2
0
2
%
tjcyc−cyc
Jitter, Cycle to cycle
(Notes 20, 27 and 30)
PLL mode
50
ps
Additive Jitter in Bypass Mode
50
ps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
20. Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input.
21. Measured from differential cross−point to differential cross−point. This parameter can be tuned with external feedback path, if present.
22. All Bypass Mode Input−to−Output specs refer to the timing between an input edge and the specific output edge created by it.
23. This parameter is deterministic for a given device.
24. Measured with scope averaging on to find mean value. CLK_IN slew rate must be matched to DIF output slew rate.
25. t is the period of the input clock.
26. Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
27. Guaranteed by design and characterization, not tested in production.
28. Measured at 3 db down or half power point.
29. Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
@ 100.00 MHz.
30. Measured from differential waveform.


Similar Part No. - NB3N1900K_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K_17 Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
More results

Similar Description - NB3N1900K_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com