Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N1900K Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB3N1900K
Description  Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N1900K Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB3N1900K Datasheet HTML 7Page - ON Semiconductor NB3N1900K Datasheet HTML 8Page - ON Semiconductor NB3N1900K Datasheet HTML 9Page - ON Semiconductor NB3N1900K Datasheet HTML 10Page - ON Semiconductor NB3N1900K Datasheet HTML 11Page - ON Semiconductor NB3N1900K Datasheet HTML 12Page - ON Semiconductor NB3N1900K Datasheet HTML 13Page - ON Semiconductor NB3N1900K Datasheet HTML 14Page - ON Semiconductor NB3N1900K Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NB3N1900K
www.onsemi.com
11
Table 14. ELECTRICAL CHARACTERISTICS − PHASE JITTER PARAMETERS
(VDD = VDDA = 3.3 V ±5%, TA = −10°C to +70°C), See Test Loads for Loading Conditions.
Symbol
Parameter
Conditions (Notes 31 and 36)
Min
Typ
Max
Unit
tjphPCIeG1
Jitter, Phase
PCIe Gen 1 (Notes 32 and 33)
36
86
ps (p−p)
tjphPCIeG2
PCIe Gen 2 Lo Band
10 kHz < f < 1.5 MHz (Note 32)
3
ps
(rms)
PCIe Gen 2 High Band
1.5 MHz < f < Nyquist (50 MHz)
(Note 32)
3.1
ps
(rms)
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2−4 MHz, CDR = 10 MHz)
(Note 32)
1
ps
(rms)
tjphQPI_SMI
QPI & SMI
(100.00 MHz or 133.33 MHz,
4.8 Gb/s, 6.4 Gb/s 12UI) (Note 34)
0.5
ps
(rms)
QPI & SMI
(100.00 MHz, 8.0 Gb/s, 12UI) (Note 34)
0.3
ps
(rms)
QPI & SMI
(100.00 MHz, 9.6 Gb/s, 12UI) (Note 34)
0.2
ps
(rms)
tjphPCIeG1
Additive Phase Jitter, Bypass
mode
PCIe Gen 1 (Notes 32 and 33)
10
ps (p−p)
tjphPCIeG2
PCIe Gen 2 Lo Band
10 kHz < f < 1.5 MHz (Notes 32 and 35)
0.3
ps
(rms)
PCIe Gen 2 High Band
1.5 MHz < f < Nyquist (50 MHz)
(Notes 32 and 35)
0.7
ps
(rms)
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2−4 MHz, CDR = 10 MHz)
(Notes 32 and 35)
0.3
ps
(rms)
tjphQPI_SMI
QPI & SMI
(100.00 MHz or 133.33 MHz, 4.8 Gb/s,
6.4 Gb/s 12UI) (Notes 34 and 35)
0.3
ps
(rms)
QPI & SMI
(100.00 MHz, 8.0 Gb/s, 12UI) (Notes 34 and 35)
0.1
ps
(rms)
QPI & SMI
(100.00 MHz, 9.6 Gb/s, 12UI) (Notes 34 and 35)
0.1
ps
(rms)
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
31. Applies to all outputs.
32. See http://www.pcisig.com for complete specs
33. Sample size of at least 100K cycles. This figures extrapolates to 108 ps pk−pk @ 1M cycles for a BER of 1−12.
34. Calculated from Intel−supplied Clock Jitter Tool v 1.6.3.
35. For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)2 = (total jitter)2
- (input jitter)2
36. Guaranteed by design and characterization, not tested in production


Similar Part No. - NB3N1900K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
NB3N1900KMNG ONSEMI-NB3N1900KMNG Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900KMNG ONSEMI-NB3N1900KMNG Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
NB3N1900KMNTWG ONSEMI-NB3N1900KMNTWG Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
More results

Similar Description - NB3N1900K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com