Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N3002 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3N3002
Description  HCSL Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3002 Datasheet(HTML) 6 Page - ON Semiconductor

  NB3N3002_13 Datasheet HTML 1Page - ON Semiconductor NB3N3002_13 Datasheet HTML 2Page - ON Semiconductor NB3N3002_13 Datasheet HTML 3Page - ON Semiconductor NB3N3002_13 Datasheet HTML 4Page - ON Semiconductor NB3N3002_13 Datasheet HTML 5Page - ON Semiconductor NB3N3002_13 Datasheet HTML 6Page - ON Semiconductor NB3N3002_13 Datasheet HTML 7Page - ON Semiconductor NB3N3002_13 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NB3N3002
http://onsemi.com
6
Figure 5. HCSL Interface Termination to LVDS
Zo = 50 W
Zo = 50 W
RL = 150 W
RL = 150 W
HCSL
Driver
LVDS
Receiver
Qx
Qx
100 W
100 W
IREF
RREF = 475 W
ORDERING INFORMATION
Device
Package
Shipping
NB3N3002DTG
TSSOP−16
(Pb−Free)
96 Units / Rail
NB3N3002DTR2G
TSSOP−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB3N3002_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
More results

Similar Description - NB3N3002_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
   100MHz HCSL Clock Generator
Rev 0; 11/07
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
   HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
   HCSL/ LVCMOS Clock Generator
January 7, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
   HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
logo
Integrated Device Techn...
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
   HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com