Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N3020 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N3020
Description  3.3 V, LVPECL/LVCMOS Clock Multiplier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3020 Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N3020_14 Datasheet HTML 1Page - ON Semiconductor NB3N3020_14 Datasheet HTML 2Page - ON Semiconductor NB3N3020_14 Datasheet HTML 3Page - ON Semiconductor NB3N3020_14 Datasheet HTML 4Page - ON Semiconductor NB3N3020_14 Datasheet HTML 5Page - ON Semiconductor NB3N3020_14 Datasheet HTML 6Page - ON Semiconductor NB3N3020_14 Datasheet HTML 7Page - ON Semiconductor NB3N3020_14 Datasheet HTML 8Page - ON Semiconductor NB3N3020_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NB3N3020
http://onsemi.com
5
Table 3. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
2 kV
Moisture Sensitivity, Indefinite Time Out of Dry pack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
8287 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 4. MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VDD
Positive Power Supply
GND = 0 V
4.6
V
VI
Input Voltage (VIN)
GND = 0 V
GND ≤ VI ≤ VDD
−0.5 V to VDD + 0.5 V
V
Iout
LVPECL Output Current
Continuous
Surge
25
50
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP–16
TSSOP–16
138
108
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 3)
TSSOP−16
33 to 36
°C/W
Tsol
Wave Solder
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and not valid simultaneously. If
stress limits are exceeded device functional operation is not implied, damage may occur and reliability may be affected.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power).
Table 5. DC CHARACTERISTICS (VDD = 3.3 V ±10%, GND = 0 V, TA = −40°C to +85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
VDD
Power Supply Voltage
2.97
3.3
3.63
V
IDD
Power Supply Current (Note 4)
60
75
mA
IDDOE
Power Supply Current when OE1, OE2 is Set Low
50
mA
IDDOFF
Power Supply Current when PLL is powered off by Sel0, Sel1, Sel2
5
mA
VIH
Input HIGH Voltage (X1/CLK, OE1, OE2)
2000
VDD + 300
mV
VIL
Input LOW Voltage (X1/CLK, OE1, OE2)
GND − 300
800
mV
VIH
Input HIGH Voltage (Sel0, Sel1, Sel2)
0.72 VDD
VDD + 300
mV
VIL
Input LOW Voltage (Sel0, Sel1, Sel2)
GND − 300
800
mV
VIM
Input Mid Voltage (Sel0, Sel1, Sel2) (When left open, defaults to VDD/2
VDD/2
mV
VOH
Output HIGH Voltage for CLK2, CLK2 (See Figure 3)
VDD – 1.145
VDD – 0.895
V
VOL
Output LOW Voltage for CLK2, CLK2 (See Figure 3)
VDD – 2.090
VDD – 1.600
V
VOH
Output HIGH Voltage for CLK1 [IOH = −12 mA]
2.4
V
VOL
Output LOW Voltage for CLK1 [IOL = 12 mA]
0.4
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measurement taken at FCLKout = 125 MHz with LVPECL and LVCMOS/ LVTTL outputs not terminated.


Similar Part No. - NB3N3020_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3020DTG ONSEMI-NB3N3020DTG Datasheet
131Kb / 8P
   3.3 V, LV-PECL/LV-CMOS Clock Multiplier
September, 2008 ??Rev. 0
NB3N3020DTGEVB ONSEMI-NB3N3020DTGEVB Datasheet
136Kb / 9P
   3.3 V, LVPECL/LVCMOS Clock Multiplier
January, 2014 ??Rev. 4
NB3N3020DTR2G ONSEMI-NB3N3020DTR2G Datasheet
131Kb / 8P
   3.3 V, LV-PECL/LV-CMOS Clock Multiplier
September, 2008 ??Rev. 0
More results

Similar Description - NB3N3020_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3020DTGEVB ONSEMI-NB3N3020DTGEVB Datasheet
136Kb / 9P
   3.3 V, LVPECL/LVCMOS Clock Multiplier
January, 2014 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
logo
Texas Instruments
SN65EPT22 TI-SN65EPT22_10 Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
ON Semiconductor
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
Texas Instruments
SN65EPT22 TI-SN65EPT22 Datasheet
419Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com