Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3V1102C Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3V1102C
Description  3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3V1102C Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3V1102C Datasheet HTML 3Page - ON Semiconductor NB3V1102C Datasheet HTML 4Page - ON Semiconductor NB3V1102C Datasheet HTML 5Page - ON Semiconductor NB3V1102C Datasheet HTML 6Page - ON Semiconductor NB3V1102C Datasheet HTML 7Page - ON Semiconductor NB3V1102C Datasheet HTML 8Page - ON Semiconductor NB3V1102C Datasheet HTML 9Page - ON Semiconductor NB3V1102C Datasheet HTML 10Page - ON Semiconductor NB3V1102C Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NB3V110xC Series
www.onsemi.com
7
tr
Qn
80% V OH −VOL
CLKIN
tf
20% V OH −VOL
VOH
V OL
tPLH
V DD /2
Qn
V DD /2
CLKIN
tPHL
Figure 7. Pulse Skew tsk(p) and Propagation Delay
tPLH/tPHL
Figure 8. Rise/Fall Times tr /tf
Note: tsk(p) = |tPLH − tPHL|
Figure 9. Typical NB3V110xC Phase Noise Plot at fCarrier = 100 MHz, VDD = 3.3 V, 255C
 
r
Output
F_carrier = 100 MHz
Output (DUT + Source)
Input Source
Integration Range: 12 kHz − 20 MHz
DUT + Source Phase Jitter = 66.92 fs
Input Source Phase Jitter = 36.72 fs
Input Source 100 MHz
The above phase noise data was captured using Agilent
E5052A/B. The data displays the input phase noise and
output phase noise used to calculate the additive phase jitter
at a specified integration range. The additive RMS phase
jitter contributed by the device (integrated between 12 kHz
and 20 MHz) is 55.94 fs. The additive RMS phase jitter
performance of the fan out buffer is highly dependent on the
phase noise of the input source.
To obtain the most precise additive phase noise
measurement, it is vital that the source phase noise be
notably lower than that of the DUT. If the phase noise of the
source is greater than the noise floor of the device under test,
the source noise will dominate the additive phase jitter
calculation and lead to an incorrect negative result for the
additive phase noise within the integration range. The
Figure above is a good example of the NB3V110xC source
generator phase noise having a significantly lower floor than
the DUT and results in an additive phase jitter of 55.94 fs.
Additive RMS phase jitter
+ RMS phase jitter of output2 * RMS phase jitter of input2
55.94 fs
+ 66.92 fs2 * 36.72 fs2


Similar Part No. - NB3V1102C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V1102C ONSEMI-NB3V1102C Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
NB3V1102CDTR2G ONSEMI-NB3V1102CDTR2G Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V1102CDTR2G ONSEMI-NB3V1102CDTR2G Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
NB3V1102CMTTBG ONSEMI-NB3V1102CMTTBG Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results

Similar Description - NB3V1102C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
87946I-01 RENESAS-87946I-01 Datasheet
438Kb / 16P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Pericom Semiconductor C...
PI6C10806B PERICOM-PI6C10806B Datasheet
741Kb / 13P
   1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com