Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3V1103CDTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3V1103CDTR2G
Description  3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3V1103CDTR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3V1103CDTR2G Datasheet HTML 2Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 3Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 4Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 5Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 6Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 7Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 8Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 9Page - ON Semiconductor NB3V1103CDTR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NB3V110xC Series
www.onsemi.com
6
PARAMETERS MEASUREMENT INFORMATION
Figure 2. Test Load Circuit
Figure 3. Application Load with 50
W Line Termination
Figure 4. Application Load with Series Line Termination
Figure 5. tDIS and tEN for Disable Low
Figure 6. Output Skew tSk(o)
Z= 50
O
Ω
R=50
W
from Measurement Equipment
V/2
DD
LVCMOS
Output
V
= 3.3 V, 2.5 V or 1.8 V
DD
C=2pF
parasitic capacitance
LVCMOS
Output
VDD
R=100
W
R=100
W
Z= 50
O
Ω
parasitic input capacitance
V
= 3.3 V, 2.5V or 1.8 V
DD
LVCMOS
Output
Z= 50
O
Ω
RS = 10 Ohms (VDD = 3.3 V)
RS = 5 Ohms (VDD = 2.5 V)
RS = 0 Ohms (VDD = 1.8 V)
parasitic input capacitance
V
= 3.3 V, 2.5 V or 1.8 V
DD
tDIS
tEN
VIN /2
OE
Qn
VIN /2
tsk(o)
VDD /2
Qn+1
VDD /2
Qn
tsk(o)


Similar Part No. - NB3V1103CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1103CDTR2G ONSEMI-NB3V1103CDTR2G Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V1103CDTR2G ONSEMI-NB3V1103CDTR2G Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results

Similar Description - NB3V1103CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
87946I-01 RENESAS-87946I-01 Datasheet
438Kb / 16P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Pericom Semiconductor C...
PI6C10806B PERICOM-PI6C10806B Datasheet
741Kb / 13P
   1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com