Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3V1102CMTTBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3V1102CMTTBG
Description  3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3V1102CMTTBG Datasheet(HTML) 2 Page - ON Semiconductor

  NB3V1102CMTTBG Datasheet HTML 1Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 2Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 3Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 4Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 5Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 6Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 7Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 8Page - ON Semiconductor NB3V1102CMTTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NB3V110xC Series
www.onsemi.com
2
NB3V1102C
NB3V1103C
NB3V1104C
NB3V1106C
Figure 1. Pin Configuration
TSSOP−14
TSSOP−8 and WDFN8
1
2
3
4
8
7
6
5
CLKIN
OE
Q0
GND
Q1
NC/Q3
VDD
NC/Q2
CLKIN
OE
Q0
GND
VDD
Q4
GND
Q1
Q3
VDD
Q2
GND
Q5
VDD
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NB3V1108C
TSSOP−16
CLKIN
OE
Q0
GND
VDD
Q4
GND
Q1
Q3
VDD
Q2
GND
Q5
VDD
1
2
3
4
5
6
7
14
13
12
11
10
9
15
Q6
Q7
8
16
Table 1. PIN DESCRIPTION
Devices
LVCMOS Clock
Input
LVCMOS Clock
Output Enable
LVCMOS Clock Output
Device
Supply Voltage
Device
Ground
CLKIN
OE
Q0, Q1, ... Q7
VDD
GND
NB3V1102C
1
2
3, 8
6
4
NB3V1103C
1
2
3, 8, 5
6
4
NB3V1104C
1
2
3, 8, 5, 7
6
4
NB3V1106C
1
2
3, 14, 11, 13, 6, 9
5, 8, 12
4, 7, 10
NB3V1108C
1
2
3, 16, 13, 15, 6, 11, 8, 9
5, 10, 14
4, 7, 12
NOTE: Pins not mentioned in the table are NC.
Table 2. OUTPUT LOGIC TABLE
INPUTS
OUTPUTS
CLKIN
OE
Qn
X
L
L
L
H
L
H
H
H
Table 3. ABSOLUTE MAXIMUM RATINGS (Note 1)
Over operating free−air temperature range (unless otherwise noted)
Symbol
Condition
Value
Unit
VDD
Supply Voltage Range
–0.5 to 4.6
V
VIN
Input Voltage Range (Note 2)
–0.5 to VDD + 0.5
V
VO
Output Voltage Range (Note 2)
–0.5 to VDD + 0.5
V
IIN
Input Current
±20
mA
IO
Continuous Output Current
±50
mA
q
JA
Thermal Resistance (Junction−to−Ambient)
104
°C/W
TJ
Maximum Junction Temperature
125
°C
TSTG
Storage Temperature Range
–65 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board – 2S2P (2 signal, 2 power) with a large copper heat spreader (20 mm2, 2 oz.)
2. For additional information, see Application Note AND8003/D.


Similar Part No. - NB3V1102CMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102CMTTBG ONSEMI-NB3V1102CMTTBG Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results

Similar Description - NB3V1102CMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
87946I-01 RENESAS-87946I-01 Datasheet
438Kb / 16P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Pericom Semiconductor C...
PI6C10806B PERICOM-PI6C10806B Datasheet
741Kb / 13P
   1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com