Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F010A-10C4FML Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS28F010A-10C4FML
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-10C4FML Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS28F010A-10C4FML Datasheet HTML 4Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 5Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 6Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 7Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 8Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 9Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 10Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 11Page - Texas Instruments TMS28F010A-10C4FML Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
command definitions
read command
Memory contents can be accessed while VPP is high or low. When VPP is high, writing 00h into the command
register invokes the read operation. When the device is powered up, the default contents of the command
register are 00h and the read operation is enabled. The read operation remains enabled until a different valid
command is written to the command register.
algorithm-selection mode command
The algorithm-selection mode is activated by writing 90h into the command register. The manufacturer
equivalent code (89h) is identified by the value read from address location 0000h, and the device equivalent
code (B4h) is identified by the value read from address location 0001h.
set-up-erase/erase commands
The erase-algorithm initiates with E = VIL, W = VIL, G = VIH, VPP = VPPH, and VCC = 5 V. To enter the erase mode,
write the set-up-erase command, 20h, into the command register. After the TMS28F010A is in the erase mode,
writing a second erase command, 20h, into the command register invokes the erase operation. The erase
operation begins on the rising edge of W and ends on the rising edge of the next W. The erase operation requires
10 ms to complete before the erase-verify command, A0h, can be loaded.
Maximum erase timing is controlled by the internal stop timer. When the stop timer terminates the erase
operation, the device enters an inactive state and remains inactive until a valid erase verify, read, or reset
command is received.
erase-verify command
All bytes must be verified following an erase operation. After the erase operation is complete, an erased byte
can be verified by writing the erase-verify command, A0h, into the command register. This command causes
the device to exit the erase mode on the rising edge of W. The address of the byte to be verified is latched on
the falling edge of W. The erase-verify operation remains enabled until a valid command is written to the
command register.
To determine whether or not all the bytes have been erased, the TMS28F010A applies a margin voltage to each
byte. If FFh is read from the byte, all bits in the designated byte have been erased. The erase-verify operation
continues until all of the bytes have been verified. If FFh is not read from a byte, an additional erase operation
needs to be executed. Figure 2 shows the combination of commands and bus operations for electrically erasing
the TMS28F010A.
set-up-program/program commands
The programming algorithm initiates with E = VIL, W = VIL, G = VIH, VPP = VPPH, and VCC = 5 V. To enter the
programming mode, write the set-up-program command, 40h, into the command register. The programming
operation is invoked by the next write-enable pulse. Addresses are latched internally on the falling edge of W,
and data is latched internally on the rising edge of W. The programming operation begins on the rising edge of
W and ends on the rising edge of the next W pulse. The program operation requires 10
µs for completion before
the program-verify command, C0h, can be loaded.
Maximum program timing is controlled by the internal stop timer. When the stop timer terminates the program
operation, the device enters an inactive state and remains inactive until a valid program-verify, read, or reset
command is received.


Similar Part No. - TMS28F010A-10C4FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-10C4FML

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com