Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3W1900LMNG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB3W1900LMNG
Description  3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W1900LMNG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB3W1900LMNG Datasheet HTML 6Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 7Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 8Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 9Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 10Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 11Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 12Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 13Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NB3W1900L
www.onsemi.com
10
Table 14. ELECTRICAL CHARACTERISTICS − PHASE JITTER PARAMETERS
(TA =0°C− 70°C; Supply Voltage VDD/VDDA = 3.3 V ±5%, VDDIO = 1.05 V to 3.3 V ±5%. See Test Loads for Loading Conditions) (Note 31)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tjphPCIeG1
Phase Jitter, PLL Mode
PCIe Gen 1 (Notes 32 and 33)
86
ps (p−p)
tjphPCIeG2
PCIe Gen 2 Lo Band 10 kHz < f < 1.5 MHz (Note 32)
3
ps (rms)
PCIe Gen 2 High Band 1.5 MHz < f < Nyquist (50 MHz)
(Note 32)
3.1
ps (rms)
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2−4 MHz, CDR = 10 MHz)
(Notes 32, 33 and 34)
1
ps (rms)
tjphQPI_SMI
QPI & SMI
(100.00 MHz or 133.33 MHz, 4.8 Gb/s, 6.4 Gb/s 12UI)
(Note 35)
0.5
ps (rms)
QPI & SMI (100.00 MHz, 8.0 Gb/s, 12UI) (Note 35)
0.3
ps (rms)
QPI & SMI (100.00 MHz, 9.6 Gb/s, 12UI) (Note 35)
0.2
ps (rms)
tjphPCIeG1
Additive Phase Jitter,
Bypass Mode
PCIe Gen 1 (Notes 32 and 33)
10
ps (p−p)
tjphPCIeG2
PCIe Gen 2 Lo Band 10 kHz < f < 1.5 MHz
(Notes 32 and 36)
0.3
ps (rms)
PCIe Gen 2 High Band 1.5 MHz < f < Nyquist (50 MHz)
(Notes 32 and 36)
0.7
ps (rms)
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2−4 MHz, CDR = 10 MHz)
(Notes 32, 34 and 36)
0.3
ps (rms)
tjphQPI_SMI
QPI & SMI
(100.00 MHz or 133.33 MHz, 4.8 Gb/s, 6.4 Gb/s 12UI)
(Notes 35 and 36)
0.3
ps (rms)
QPI & SMI (100.00 MHz, 8.0 Gb/s, 12UI)
(Notes 35 and 36)
0.1
ps (rms)
QPI & SMI (100.00 MHz, 9.6 Gb/s, 12UI)
(Notes 35 and 36)
0.1
ps (rms)
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
31. Applies to all outputs.
32. See http://www.pcisig.com for complete specs
33. Sample size of at least 100k cycles. This figures extrapolates to 108 ps pk-pk @ 1M cycles for a BER of 1−12.
34. Subject to final ratification by PCI SIG.
35. Calculated from Intel-supplied Clock Jitter Tool v 1.6.3
36. For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)2 = (total jittter)2 − (input jitter)2


Similar Part No. - NB3W1900LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W1900LMNG ONSEMI-NB3W1900LMNG Datasheet
168Kb / 18P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull
October, 2014 ??Rev. 0
NB3W1900LMNG ONSEMI-NB3W1900LMNG Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
More results

Similar Description - NB3W1900LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L Datasheet
168Kb / 18P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull
October, 2014 ??Rev. 0
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_17 Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com