Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L6254 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB4L6254
Description  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L6254 Datasheet(HTML) 3 Page - ON Semiconductor

  NB4L6254_09 Datasheet HTML 1Page - ON Semiconductor NB4L6254_09 Datasheet HTML 2Page - ON Semiconductor NB4L6254_09 Datasheet HTML 3Page - ON Semiconductor NB4L6254_09 Datasheet HTML 4Page - ON Semiconductor NB4L6254_09 Datasheet HTML 5Page - ON Semiconductor NB4L6254_09 Datasheet HTML 6Page - ON Semiconductor NB4L6254_09 Datasheet HTML 7Page - ON Semiconductor NB4L6254_09 Datasheet HTML 8Page - ON Semiconductor NB4L6254_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NB4L6254
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin Name
I/O
Description
CLK0, CLK0
LVPECL Input
Differential reference clock signal input 0.
CLK1, CLK1
LVPECL Input
Differential reference clock signal input 1.
OEAb, OEB
LVCMOS Input
Output Enable
SEL0, SEL1
LVCMOS Input
Clock Switch Select
QA[0−2], QA[0−2]
QB[0−2], QB[0−2]
LVPECL Output
Differential LVPECL Clock Outputs, (banks A and B) Typically terminated with 50 W
resistor to VCC – 2.0 V.
GND
Power Supply
Negative Supply Voltage
VCC
Power Supply
Positive supply voltage. All VCC pins must be connected to the positive power supply
for correct DC and AC operation.
EP
The exposed pad (EP) on the QFN−32 package bottom is thermally connected to the
die for improved heat transfer out of the package. THe exposed pad must be attached
to a heat−sinking conduit. The pad is electrically connected to GND.
Table 2. FUNCTION TABLE
Control
Default
0
1
OEA
0
QA[0−2], QA[0−2] are active. Deassertion of
OEA can be asynchronous to the reference
clock without generation of output runt pulses
QA[0−2] = L, QA[0−2] = H (outputs disabled). Assertion of
OE can be asynchronous to the reference clock without
generation of output runt pulses
OEB
0
QB[0−2], QB[0−2] are active. Deassertion of
OEB can be asynchronous to the reference
clock without generation of output runt pulses
QB[0−2] = L, QB[0−2] = H (outputs disabled). Assertion of
OE can be asynchronous to the reference clock without
generation of output runt pulses
SEL0,
SEL1
00
Refer to Table 3
Refer to Table 3
Table 3. CLOCK SELECT CONTROL
SEL0
SEL1
CLK0 Routed To
CLK1 Routed to
Application Mode
0
0
QA[0:2] and QB[0:2]
1:6 Fanout of CLK0
0
1
QA[0:2] and QB[0:2]
1:6 Fanout of CLK1
1
0
QA[0:2]
QB[0:2]
Dual 1:3 Buffer
1
1
QB[0:2]
QA[0:2]
Dual 1:3 Buffer (Crossed)


Similar Part No. - NB4L6254_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L6254D ONSEMI-NB4L6254D Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
NB4L6254FAG ONSEMI-NB4L6254FAG Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
NB4L6254FAR2G ONSEMI-NB4L6254FAR2G Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
More results

Similar Description - NB4L6254_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com