Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4N441 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB4N441
Description  3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N441 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB4N441_11 Datasheet HTML 4Page - ON Semiconductor NB4N441_11 Datasheet HTML 5Page - ON Semiconductor NB4N441_11 Datasheet HTML 6Page - ON Semiconductor NB4N441_11 Datasheet HTML 7Page - ON Semiconductor NB4N441_11 Datasheet HTML 8Page - ON Semiconductor NB4N441_11 Datasheet HTML 9Page - ON Semiconductor NB4N441_11 Datasheet HTML 10Page - ON Semiconductor NB4N441_11 Datasheet HTML 11Page - ON Semiconductor NB4N441_11 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NB4N441
http://onsemi.com
9
Figure 5. Serial Interface Timing Diagram
S_CLOCK
S_DATA
S_LOAD
P4 P3 P2 P1 P0 N2
N0 M9 M8 M7 M2 M1 M0
First
Bit
Last
Bit
18 Bits
N1
tSETUP
tHOLD
S_CLOCK
S_DATA
Figure 6. Setup and Hold
tSETUP
tHOLD
S_LOAD
S_DATA
Figure 7. Setup and Hold


Similar Part No. - NB4N441_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N441MNG ONSEMI-NB4N441MNG Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
NB4N441MNG ONSEMI-NB4N441MNG Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
NB4N441MNR2G ONSEMI-NB4N441MNR2G Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
NB4N441MNR2G ONSEMI-NB4N441MNR2G Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
NB4N441 ONSEMI-NB4N441_07 Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
More results

Similar Description - NB4N441_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N441 ONSEMI-NB4N441_07 Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
NB4N441 ONSEMI-NB4N441 Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
logo
Renesas Technology Corp
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
   Crystal-to-3.3V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com