Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4N441 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4N441
Description  3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N441 Datasheet(HTML) 2 Page - ON Semiconductor

  NB4N441_11 Datasheet HTML 1Page - ON Semiconductor NB4N441_11 Datasheet HTML 2Page - ON Semiconductor NB4N441_11 Datasheet HTML 3Page - ON Semiconductor NB4N441_11 Datasheet HTML 4Page - ON Semiconductor NB4N441_11 Datasheet HTML 5Page - ON Semiconductor NB4N441_11 Datasheet HTML 6Page - ON Semiconductor NB4N441_11 Datasheet HTML 7Page - ON Semiconductor NB4N441_11 Datasheet HTML 8Page - ON Semiconductor NB4N441_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NB4N441
http://onsemi.com
2
CLK/XTAL1
XTAL
OSC
PB
FB
R
Feedback
Divider (MB)
P[4:0] M[9:0] N[3:0]
Frequency Control Logic
Serial Load
SDATA
SCLOCK
SLOAD
LOCKED
OUTDIV (NB)
B2, 4, 8,
16, 32
CLKOUT
CLKOUT
Figure 2. Block Diagram
XTAL2
VCC
VCC_PLL
PFD
Loop
Filter
VCO
OE
GND
Input
Prescaler
SLOAD
NC
GND
VCC_PLL
NC
VCC
GND
SDATA
Figure 3. QFN−24 Lead Pinout (Top View)
SCLOCK
NC
NC
GND
18
12
4
3
5
6
78
9
11
10
2
1
17
16
15
14
13
19
24
23
22
20
21
Exposed Pad
(EP)


Similar Part No. - NB4N441_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N441MNG ONSEMI-NB4N441MNG Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
NB4N441MNG ONSEMI-NB4N441MNG Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
NB4N441MNR2G ONSEMI-NB4N441MNR2G Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
NB4N441MNR2G ONSEMI-NB4N441MNR2G Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
NB4N441 ONSEMI-NB4N441_07 Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
More results

Similar Description - NB4N441_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N441 ONSEMI-NB4N441_07 Datasheet
88Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
February, 2007 ??Rev. 1
NB4N441 ONSEMI-NB4N441 Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
logo
Renesas Technology Corp
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
   Crystal-to-3.3V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com