Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4N840MMNTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB4N840MMNTWG
Description  3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N840MMNTWG Datasheet(HTML) 6 Page - ON Semiconductor

  NB4N840MMNTWG Datasheet HTML 1Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 2Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 3Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 4Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 5Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 6Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 7Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 8Page - ON Semiconductor NB4N840MMNTWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NB4N840M
http://onsemi.com
6
Figure 3. Output Voltage Amplitude (VOUTPP)
vs. Input Clock Frequency (fIN) at Ambient
Temperature (Typ)
0
50
100
150
200
250
300
350
400
450
0.05 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
INPUT CLOCK FREQUENCY (GHz)
Figure 4. Within−Device Skew vs. Temperature
at VCC = 3.3 V
0
2
4
6
8
10
12
14
16
18
20
−40
25
85
TEMPERATURE (
°C)
Channel B
Channel A
Figure 5. CML Differential Voltage vs.
Temperature
0
100
200
300
400
500
600
700
800
900
−40
25
85
TEMPERATURE (
°C)
Figure 6. Supply Current vs. Temperature
(All 4 Outputs Enabled)
110
120
130
140
150
160
170
−40
25
85
TEMPERATURE (
°C)
Figure 7. Typical Output Waveform at 2.488 Gb/s
with PRBS 223−1 (Input Signal DDJ = 12 ps)
Figure 8. Typical Output Waveform at 3.2 Gb/s
with K28.5 (Input Signal DDJ = 14 ps)
TIME (80.4 ps/div)
TIME (62.5 ps/div)
DDJ = 4 ps
DDJ = 3 ps


Similar Part No. - NB4N840MMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840MMNG ONSEMI-NB4N840MMNG Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNG ONSEMI-NB4N840MMNG Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
More results

Similar Description - NB4N840MMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com