Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4N507ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB4N507ADR2G
Description  3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N507ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NB4N507ADR2G Datasheet HTML 1Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 2Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 3Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 4Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 5Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 6Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 7Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2007
September, 2007 - Rev. 3
1
Publication Order Number:
NB4N507A/D
NB4N507A
3.3V/5V, 50 MHz to 200 MHz
PECL Clock Synthesizer
Description
The NB4N507A is a precision clock synthesizer which generates a
very low jitter differential PECL output clock. It produces a clock
output based on an integer multiple of an input reference frequency.
The NB4N507A accepts a standard fundamental mode crystal,
using Phase-Locked-Loop (PLL) techniques, will produce output
clocks up to 200 MHz. In addition, the PLL circuitry will produce a
50% duty cycle square-wave clock output (see Figure 7).
The NB4N507A can be programmed to generate a selection of input
reference frequency multiples. An exact 155.52 MHz output clock can
be generated from a 19.44 MHz crystal and the x8 multiplier selection.
The NB4N507A is intended for low output jitter clock generation.
The PECL outputs are 15 mA open collector and must be DC loaded
and AC terminated. See Figures 4 and 6.
Features
Input Crystal Frequency of 10 - 27 MHz
Enable Usage of Common Low-Cost Crystal
Differential PECL Output Clock Frequencies up to 200 MHz
Duty Cycle of 48%/52%
Operating Range: VCC = 3.0 V to 5.5 V
Ideal for SONET Applications and Oscillator Manufacturers
Available in Die Form
Packaged in 16-Pin Narrow SOIC
Pb-Free Packages are Available*
Figure 1. Simplified Logic Block Diagram
Osc
PD
CP
VCO
PECL
Mult
S1
S0
CLKOUT
CLKOUT
OE
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOIC-16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
http://onsemi.com
NB4N507AG
AWLYWW
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb-Free Package


Similar Part No. - NB4N507ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N507ADR2G ONSEMI-NB4N507ADR2G Datasheet
124Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
More results

Similar Description - NB4N507ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_06 Datasheet
124Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
   800 MHz Low Voltage PECL Clock Synthesizer
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
logo
ON Semiconductor
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com