Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L72MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6L72MNR2G
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L72MNR2G Datasheet HTML 1Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 2Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 3Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 4Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 5Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 6Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 7Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 8Page - ON Semiconductor NB6L72MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2008
April, 2008 - Rev. 4
1
Publication Order Number:
NB6L72/D
NB6L72
2.5V / 3.3V Differential 2 X 2
Crosspoint Switch with
LVPECL Outputs
Multi-Level Inputs w/ Internal Termination
Description
The NB6L72 is a clock or data high-bandwidth fully differential 2 x
2 Crosspoint Switch with internal source termination and LVPECL
output structure, optimized for low skew and minimal jitter. The
differential inputs incorporate internal 50
W termination resistors and
will accept LVPECL, CML, LVDS, LVCMOS, or LVTTL logic levels.
The SELECT inputs are single-ended and can be driven with
LVCMOS/LVTTL.
The differential LVPECL outputs provide 800 mV output swings
when externally terminated with a 50
W resistor to VCC – 2.0 V.
The device is offered in a small 3 mm x 3 mm 16-pin QFN package.
The NB6L72 is a member of the ECLinPS MAX
t family of high
performance clock and data management products.
Features
Input Clock Frequency > 3.0GHz
Input Data Rate > 3 Gb/s
425 ps Typical Propagation Delay
100 ps Typical Rise and Fall Times
0.5 ps maximum RMS Clock Jitter
LVPECL, CML or LVDS Input Compatible
Differential LVPECL Outputs, 800 mV Amplitude, Typical
Operating Range: VCC = 2.375 V to 3.63 V with GND = 0 V
Internal 50 W Input Termination Provided
Functionally Compatible with Existing 2.5 V/3.3 V LVEL, LVEP, EP,
and SG Devices
-40°C to +85°C Ambient Operating Temperature
These are Pb-Free Devices
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAM*
QFN-16
MN SUFFIX
CASE 485G
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
1
NB6L
72
ALYW
G
G
16
1


Similar Part No. - NB6L72MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72MNR2G ONSEMI-NB6L72MNR2G Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
More results

Similar Description - NB6L72MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
logo
Renesas Technology Corp
853S202 RENESAS-853S202 Datasheet
1Mb / 23P
   12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer
July 23, 2018
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com