Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L295MNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB6L295MNTXG
Description  2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L295MNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB6L295MNTXG Datasheet HTML 4Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 5Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 6Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 7Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 8Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 9Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 10Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 11Page - ON Semiconductor NB6L295MNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NB6L295
http://onsemi.com
8
Figure 7. Serial Data Interface, Shift Register, Data Latch, Programmable Delay Channels
01
PD1 Latch
PD0 Latch
PD0 Delay
PD1 Delay
SLOAD
Q1/Q1
Q0/Q0
SDATA
SCLK
11−Bit Shift Register
MSEL
Serial Data Interface Loading
Loading the device through the 3 input Serial Data Interface (SDI) is accomplished by sending data into the SDIN pin by
using the SCLK input pin and latching the data with the SLOAD input pin. The 11−bit SHIFT REGISTER shifts once per rising
edge of the SCLK input. The serial input SDIN must meet setup and hold timing as specified in the AC Characteristics section
of this document for each bit and clock pulse. The SLOAD line loads the value of the shift register on a LOW−to−HIGH edge
transition (transparent state) into a data Latch register and latches the data with a subsequent HIGH−to−LOW edge transition.
Further changes in SDIN or SCLK are not recognized by the latched register. The internal multiplexer states are set by the PSEL
and MSEL bits in the SHIFT register. Figure 6 shows the timing diagram of a typical load sequence.
Input EN should be LOW (enabled) prior to SDI programming, then pulled HIGH (disabled) during programming. After
programming, the EN should be returned LOW (enabled) for functional delay operation.
The disabling of EN (HIGH) forces Qx LOW and Qx HIGH and is included during programming to prevent (or mask out)
any potential runt pulses or extended pulses which might occur in the internal delay gates programming switching, but it is not
required for programming.
SDIN
SCLK
SLOAD
LSB
EN
MSB
PSEL MSEL
D0
D1
D2
D3
D4
D5
D6
D7
D8
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
Figure 8. SDI Timing Diagram
ts SDIN to
SCLK
th SDIN to SCLK
ts SCLK to SLOAD
tpwmin


Similar Part No. - NB6L295MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295MNTXG ONSEMI-NB6L295MNTXG Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
More results

Similar Description - NB6L295MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295M ONSEMI-NB6L295M Datasheet
194Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
January, 2010 ??Rev. 4
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_06 Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Micrel Semiconductor
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com