Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L86M Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB7L86M
Description  2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L86M Datasheet(HTML) 1 Page - ON Semiconductor

  NB7L86M_12 Datasheet HTML 1Page - ON Semiconductor NB7L86M_12 Datasheet HTML 2Page - ON Semiconductor NB7L86M_12 Datasheet HTML 3Page - ON Semiconductor NB7L86M_12 Datasheet HTML 4Page - ON Semiconductor NB7L86M_12 Datasheet HTML 5Page - ON Semiconductor NB7L86M_12 Datasheet HTML 6Page - ON Semiconductor NB7L86M_12 Datasheet HTML 7Page - ON Semiconductor NB7L86M_12 Datasheet HTML 8Page - ON Semiconductor NB7L86M_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2012 − Rev. 7
1
Publication Order Number:
NB7L86M/D
NB7L86M
2.5V/3.3V 12 Gb/s Differential
Clock/Data SmartGate with
CML Output and Internal
Termination
The NB7L86M is a multi−function differential Logic Gate, which
can be configured as an AND/NAND, OR/NOR, XOR/XNOR, or 2:1
MUX. This device is part of the GigaComm family of high
performance Silicon Germanium products. The NB7L86M is an
ultra−low jitter multi−logic gate with a maximum data rate of 12 Gb/s
and input clock frequency of 8 GHz suitable for Data Communication
Systems, Telecom Systems, Fiber Channel, and GigE applications.
Differential inputs incorporate internal 50
W termination resistors
and accept LVNECL (Negative ECL), LVPECL (Positive ECL),
LVCMOS, LVTTL, CML, or LVDS. The differential 16 mA CML
output provides matching internal 50
W termination, and 400 mV
output swing when externally terminated 50
W to VCC.
The device is housed in a low profile 3x3 mm 16−pin QFN package.
Application notes, models, and support documentation are available
on www.onsemi.com.
Features
Maximum Input Clock Frequency up to 8 GHz
Maximum Input Data Rate up to 12 Gb/s Typical
< 0.5 ps of RMS Clock Jitter
< 10 ps of Data Dependent Jitter
30 ps Typical Rise and Fall Times
90 ps Typical Propagation Delay
2 ps Typical Within Device Skew
Operating Range: VCC = 2.375 V to 3.465 V with VEE = 0 V
CML Output Level (400 mV Peak−to−Peak Output) Differential Output
50 W Internal Input and Output Termination Resistors
Functionally Compatible with Existing 2.5 V/3.3 V LVEL, LVEP, EP
and SG Devices
These are Pb−Free Devices
Figure 1. Simplified Logic Diagram
D0
Q
SEL
VTD0
Q
SEL
VTD0
50 W
50 W
D0
D1
VTD1
VTD1
50 W
50 W
D1
50 W
50 W
VTSEL
http://onsemi.com
QFN16
MN SUFFIX
CASE 485G
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
16
NB7L
86M
ALYWG
G
1
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1


Similar Part No. - NB7L86M_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L86MMN ONSEMI-NB7L86MMN Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMNG ONSEMI-NB7L86MMNG Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMNR2 ONSEMI-NB7L86MMNR2 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMNR2G ONSEMI-NB7L86MMNR2G Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results

Similar Description - NB7L86M_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com