Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L572 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB7L572
Description  2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L572 Datasheet(HTML) 4 Page - ON Semiconductor

  NB7L572 Datasheet HTML 1Page - ON Semiconductor NB7L572 Datasheet HTML 2Page - ON Semiconductor NB7L572 Datasheet HTML 3Page - ON Semiconductor NB7L572 Datasheet HTML 4Page - ON Semiconductor NB7L572 Datasheet HTML 5Page - ON Semiconductor NB7L572 Datasheet HTML 6Page - ON Semiconductor NB7L572 Datasheet HTML 7Page - ON Semiconductor NB7L572 Datasheet HTML 8Page - ON Semiconductor NB7L572 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NB7L572
http://onsemi.com
4
Table 3. ATTRIBUTES
Characteristic
Value
ESD Protection
Human Body Model
Machine Model
> 4 kV
> 150 V
Input Pullup Resistor (RPU)
28 kW
Moisture Sensitivity (Note 3)
QFN32
Level 1
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
205
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
3. For additional information, see Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
−0.5 to +4.0
V
VIN
Positive Input Voltage
GND = 0 V
−0.5 to VCC +0.5
V
VINPP
Differential Input Voltage |IN – IN|
1.89
V
Iout
LVPECL Output Current
Continuous
Surge
50
100
mA
mA
IIN
Input Current Through RT (50 W Resistor)
$40
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 4)
0 lfpm
500 lfpm
QFN−32
QFN−32
31
27
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case) (Note 4)
QFN−32
12
°C/W
Tsol
Wave Solder
v 20 sec
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
4. JEDEC standard multilayer board – 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - NB7L572

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572MNG ONSEMI-NB7L572MNG Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572MNR4G ONSEMI-NB7L572MNR4G Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
More results

Similar Description - NB7L572

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com