Electronic Components Datasheet Search |
|
NB100LVEP56MNR2G Datasheet(PDF) 6 Page - ON Semiconductor |
|
NB100LVEP56MNR2G Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 10 page NB100LVEP56 www.onsemi.com 6 Table 8. AC CHARACTERISTICS VCC = 0 V; VEE = −2.375 V to −3.8 V or VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 14) Symbol Characteristic −40 °C 25 °C 85 °C Unit Min Typ Max Min Typ Max Min Typ Max VOUTPP Output Voltage Amplitude fin v 1 GHz (See Figure 4) fin = 2 GHz fin = 2.5 GHz 525 500 400 700 600 500 550 500 350 700 600 450 500 400 200 700 500 300 mV tPLH, tPHL Propagation Delay to Output Differential D to Q, Q SEL to Q, Q COM_SEL to Q, Q 375 575 550 500 775 750 625 975 950 400 625 600 525 825 800 650 1025 1000 450 700 700 575 900 900 700 1100 1100 ps tSkew Pulse Skew (Note 15) Within Device Input Skew (Note 16) Within Device Output Skew (Note 17) Device−to−Device Skew (Note 18) 10 5 15 50 50 30 50 200 10 5 15 50 10 5 15 50 50 30 50 200 ps tJITTER RMS Random Clock Jitter (Note 19) @ v1.0 GHz @ v1.5 GHz @ v2.0 GHz @ v2.5 GHz Peak−to−Peak Data Dependent Jitter (Note 20) @ 0.5 GHz @ 1.25 GHz @ 2.488 GHz 0.269 0.306 0.250 0.339 4.1 32.2 30.8 0.4 0.4 0.4 0.8 16 80 66 0.307 0.303 0.305 0.895 4.6 22.6 27.2 0.4 0.4 0.5 2.0 15 63 56 0.371 0.391 0.722 2.443 4.4 22 24.4 0.5 0.6 1.2 7.7 16 53 54 ps VINPP Input Voltage Swing (Differential Configuration) (Note 21) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times @ 50 MHz Q, Q (20% − 80%) 60 110 150 60 120 170 90 140 230 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. 14. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. Input edge rates 150 ps (20% − 80%). 15. Pulse Skew |tPLH − tPHL| 16. Worst case difference between D0a and D0b (or between D1a or D1b), when both output come from same input. 17. Worst case difference between Q0 and Q1 outputs. 18. Skew is measured between outputs under identical transitions. 19. Additive RMS jitter with 50% Duty Cycle Clock Signal. 20. Additive Peak−to−Peak jitter with input NRZ data at PRBS 231−1. 21. Input voltage swing is a single−ended measurement operating in differential mode. Figure 4. Output Voltage Amplitude (VOUTPP) vs. Input Frequency (fin) at VCC = 2.5 V, 255C INPUT FREQUENCY (GHz) 250 350 450 550 650 750 850 0.5 1.0 1.5 2.0 2.5 Q AMP (mV) |
Similar Part No. - NB100LVEP56MNR2G |
|
Similar Description - NB100LVEP56MNR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |