Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V49NS0312 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8V49NS0312
Description  FemtoClock NG Clock Generator with 4 Dividers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8V49NS0312 Datasheet(HTML) 4 Page - Integrated Device Technology

  8V49NS0312 Datasheet HTML 1Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 2Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 3Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 4Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 5Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 6Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 7Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 8Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
©2016 Integrated Device Technology, Inc.
September 2, 2016
8V49NS0312 Datasheet
Pin Description and Pin Characteristic Tables
Table 1: Pin Descriptionsa
Number
Name
Type
Description
1VCCOB
Power
Power Supply Voltage for Output Bank B (3.3V).
2
QB0
Output
Differential device clock output pair. LVPECL or LVDS with configurable amplitude.
3
nQB0
Output
4
QB1
Output
Differential device clock output pair. LVPECL or LVDS with configurable amplitude.
5
nQB1
Output
6
QB2
Output
Differential device clock output pair. LVPECL or LVDS with configurable amplitude.
7
nQB2
Output
8
QB3
Output
Differential device clock output pair. LVPECL or LVDS with configurable amplitude.
9
nQB3
Output
10
VCCOB
Power
Power Supply Voltage for Output Bank B (3.3V).
11
ND[0]
Input
Pullup /
Pulldown
Control Inputs for Output Bank D. 3-level signals. Refer to Table 12.
12
ND[1]
Input
Pullup /
Pulldown
Control Inputs for Output Bank D. 3-level signals. Refer to Table 12.
13
VCCOD
Power
Power Supply Voltage for Output Bank D (3.3V).
14
QD1
Output
Single-ended output clock. LVCMOS output levels.
15
QD0
Output
Differential device clock output pair. LVPECL or LVDS with configurable amplitude.
16
nQD0
Output
17
NB[0]
Input
Pullup /
Pulldown
Control Inputs for Output Bank B. 3-level signals. Refer to Table 10.
18
NB[1]
Input
Pullup /
Pulldown
Control Inputs for Output Bank B. 3-level signals. Refer to Table 10.
19
NC[0]
Input
Pullup /
Pulldown
Control Inputs for Output Bank C. 3-level signals. Refer to Table 11.
20
NC[1]
Input
Pullup /
Pulldown
Control Inputs for Output Bank C. 3-level signals. Refer to Table 11.
21
VCCA_IN1
Power
Analog Power Supply Voltage for PLL (3.3V).
22
NA[1]
Input
Pullup /
Pulldown
Control Inputs for Output Bank A. 3-level signals. Refer to Table 9.
23
CAPBIAS
Analog
Internal VCO bias decoupling capacitor. Use a 4.7µF capacitor between the
CAPBIAS terminal and VEE.
24
VCCA_IN2
Power
Analog Power Supply Voltage for VCO (3.3V).
25
CR
Analog
Internal VCO regulator decoupling capacitor. Use a 1µF capacitor between the CR
and the VCCA terminals.
26
CAPREG
Analog
Internal VCO regulator decoupling capacitor. Use a 4.7µF capacitor between the
CAPREG terminal and VEE.


Similar Part No. - 8V49NS0312

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
logo
Integrated Device Techn...
8V49NS0312NLGI IDT-8V49NS0312NLGI Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312NLGI8 IDT-8V49NS0312NLGI8 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
More results

Similar Description - 8V49NS0312

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
8V49NS0412 RENESAS-8V49NS0412 Datasheet
1Mb / 57P
   FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS1412 RENESAS-8V49NS1412 Datasheet
1Mb / 55P
   FemtoClock® NG Clock Generator with Four Dividers
September 28, 2022
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
   Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841654 RENESAS-841654 Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com