Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V49NS0312NLGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8V49NS0312NLGI
Description  FemtoClock NG Clock Generator with 4 Dividers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8V49NS0312NLGI Datasheet(HTML) 3 Page - Integrated Device Technology

  8V49NS0312NLGI Datasheet HTML 1Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 2Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 3Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 4Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 5Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 6Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 7Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 8Page - Integrated Device Technology 8V49NS0312NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
©2016 Integrated Device Technology, Inc.
September 2, 2016
8V49NS0312 Datasheet
Pin Assignment
64-pin, 9mm x 9mm VFQFN Package
VCCOB
QB0
nQB0
QB1
nQB1
QB2
nQB2
QB3
nQB3
VCCOB
ND[0]
ND[1]
VCCOD
QD1
QD0
nQD0
VCCOA
QA0
nQA0
QA1
nQA1
QA2
nQA2
QA3
nQA3
VCCOA
VCCOC
QC0
nQC0
QC1
nQC1
VCCOC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
8V49NS0312


Similar Part No. - 8V49NS0312NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V49NS0312NLGI IDT-8V49NS0312NLGI Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312NLGI8 IDT-8V49NS0312NLGI8 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
More results

Similar Description - 8V49NS0312NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
8V49NS0412 RENESAS-8V49NS0412 Datasheet
1Mb / 57P
   FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS1412 RENESAS-8V49NS1412 Datasheet
1Mb / 55P
   FemtoClock® NG Clock Generator with Four Dividers
September 28, 2022
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
   Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841654 RENESAS-841654 Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com