Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33813NLG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 82P33813NLG
Description  Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33813NLG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 82P33813NLG Datasheet HTML 3Page - Integrated Device Technology 82P33813NLG Datasheet HTML 4Page - Integrated Device Technology 82P33813NLG Datasheet HTML 5Page - Integrated Device Technology 82P33813NLG Datasheet HTML 6Page - Integrated Device Technology 82P33813NLG Datasheet HTML 7Page - Integrated Device Technology 82P33813NLG Datasheet HTML 8Page - Integrated Device Technology 82P33813NLG Datasheet HTML 9Page - Integrated Device Technology 82P33813NLG Datasheet HTML 10Page - Integrated Device Technology 82P33813NLG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
©2016 Integrated Device Technology, Inc.
March 16, 2016
82P33813 Short Form Datasheet
50
SCLK/I2C_SCL
I
pull-down
CMOS
SCLK: Shift Clock
In Serial mode, a shift clock is input on this pin.
Data on SDI is sampled by the device on the rising edge of SCLK. Data on SDO is updated
on the active edge of SCLK. The active edge is determined by the CLKE.
I2C_SCL: Serial Clock Line
In I2C mode, the serial clock is input on this pin.
51
SDO/I2C_SDA/
UART_TX
I/O
pull-up
CMOS/
Open Drain
SDO: Serial Data Output
In Serial mode, this pin is used as the serial data output. Data on this pin is serially clocked
out of the device on the active edge of SCLK.
I2C_SDA: Serial Data Input/Output
In I2C mode, this pin is used as the input/output for the serial data.
UART_TX:
In UART mode, this pin is used as the transmit data (UART Transmit)
JTAG (per IEEE 1149.1)
14
TMS
I
pull-up
CMOS
TMS: JTAG Test Mode Select
The signal on this pin controls the JTAG test performance and is sampled on the rising edge
of TCK.
15
TRSTB
I
pull-up
CMOS
TRSTB: JTAG Test Reset (Active Low)
A low signal on this pin resets the JTAG test port.
This pin should be connected to ground when JTAG is not used.
16
TCK
I
pull-down
CMOS
TCK: JTAG Test Clock
The clock for the JTAG test is input on this pin. TDI and TMS are sampled on the rising edge
of TCK and TDO is updated on the falling edge of TCK.
If TCK is idle at a low level, all stored-state devices contained in the test logic will indefinitely
retain their state.
17
TDI
I
pull-up
CMOS
TDI: JTAG Test Data Input
The test data are input on this pin. They are clocked into the device on the rising edge of
TCK.
18
TDO
O
tri-state
CMOS
TDO: JTAG Test Data Output
The test data are output on this pin. They are clocked out of the device on the falling edge of
TCK.
TDO pin outputs a high impedance signal except during the process of data scanning.
Power & Ground
2, 3, 4, 5, 10 11, 12
VDDA
Power
-
VDDA: Analog Core Power - +3.3V DC nominal
20, 24, 69, 72
VDDAO
Power
VDDAO: Analog Output Power - +3.3V DC nominal
27, 29, 64, 66
VDDDO
Power
VDDDO: Digital Output Power - +3.3V DC nominal
40, 62
VDDD
Power
VDDD: Digital Core Power - +3.3V DC nominal
42, 53
VDDD_1_8
Power
VDDD_1_8: Digital Core Power - +1.8V DC nominal
19,23
VSSAO
Ground
VSSAO: Ground
73 (e_PAD)
VSS
Ground
-
VSS: Ground
Other
1, 54, 56, 65, 67, 68, 70,
71
IC
-
-
IC: Internal Connection
Internal Use. These pins must be left open for normal operation.
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description


Similar Part No. - 82P33813NLG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33813NLG IDT-82P33813NLG Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33813NLG8 IDT-82P33813NLG8 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
More results

Similar Description - 82P33813NLG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813_17 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33810 RENESAS-82P33810 Datasheet
1Mb / 72P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
September 4, 2017
82P33813 RENESAS-82P33813 Datasheet
1Mb / 70P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
September 5, 2017
82P33814 RENESAS-82P33814 Datasheet
1Mb / 71P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
August 25, 2017
logo
Integrated Device Techn...
82P33831 IDT-82P33831_16 Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
logo
Renesas Technology Corp
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
logo
Integrated Device Techn...
82P33814 IDT-82P33814_17 Datasheet
340Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831 IDT-82P33831_17 Datasheet
275Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com