Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33814ANLG8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 82P33814ANLG8
Description  Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33814ANLG8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 82P33814ANLG8 Datasheet HTML 4Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 5Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 6Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 7Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 8Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 9Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 10Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 11Page - Integrated Device Technology 82P33814ANLG8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
©2016 Integrated Device Technology, Inc.
Revision 6, March 24, 2016
82P33814 Short Form Datasheet
2.1
RECOMMENDATIONS FOR UNUSED INPUT
AND OUTPUT PINS
2.1.1
INPUTS
Control Pins
All control pins have internal pull-ups or pull-downs; additional resis-
tance is not required but can be added for additional protection. A 1kΩ
resistor can be used.
Single-Ended Clock Inputs
For protection, unused single-ended clock inputs should be tied to
ground.
Differential Clock Inputs
For applications not requiring the use of a differential input, both
*_POS and *_NEG can be left floating. Though not required, but for
additional protection, a 1kΩ resistor can be tied from _POS to ground.
2.1.2
OUTPUTS
Status Pins
For applications not requiring the use of a status pin, we recommend
bringing out to a test point for debugging purposes.
Single-Ended Clock Outputs
All unused single-ended clock outputs can be left floating, or can be
brought out to a test point for debugging purposes.
Differential Clock Outputs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
19,23
VSSAO
Ground
VSSAO: Ground
73 (e_PAD)
VSS
Ground
-
VSS: Ground
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description


Similar Part No. - 82P33814ANLG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33814ANLG8 IDT-82P33814ANLG8 Datasheet
340Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
More results

Similar Description - 82P33814ANLG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33813 IDT-82P33813_17 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
logo
Renesas Technology Corp
82P33810 RENESAS-82P33810 Datasheet
1Mb / 72P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
September 4, 2017
82P33813 RENESAS-82P33813 Datasheet
1Mb / 70P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
September 5, 2017
82P33814 RENESAS-82P33814 Datasheet
1Mb / 71P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
August 25, 2017
logo
Integrated Device Techn...
82P33831 IDT-82P33831_16 Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
logo
Renesas Technology Corp
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
logo
Integrated Device Techn...
82P33814 IDT-82P33814_17 Datasheet
340Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831 IDT-82P33831_17 Datasheet
275Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com