Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA4863-QGG Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA4863-QGG
Description  17-24GHz Variable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4863-QGG Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA4863-QGG Datasheet HTML 1Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 2Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 3Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 4Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 5Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 6Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 7Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 8Page - United Monolithic Semiconductors CHA4863-QGG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
17-24GHz Variable Gain Amplifier
CHA4863-QGG
Ref. : DSCHA4863-QGG1194 - 13 Jul 11
5/14
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Board Measurements
Tamb.= +25°C, Vd = +4.5V, Id = 200mA
These measurements are representative of onboard measurements as defined on the drawing
in paragraph "Evaluation mother board". Board losses are de-embedded
Linear Gain versus frequency & gain control voltage
Linear Gain versus gain control voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
16
17
18
19
20
21
22
23
24
25
26
27
Frequency (GHz)
GC= -2V
-0.9V
-0.6V
-0.3V
0V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
GC (V)
17.2GHz
19.6GHz
21.2GHz
23.6GHz


Similar Part No. - CHA4863-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
More results

Similar Description - CHA4863-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_15 Datasheet
158Kb / 6P
   16-24GHz Low Noise, Variable Gain Amplifier
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
   17-24GHz High Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
   17-24GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com