Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6362-QXG Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA6362-QXG
Description  17.7 - 19.7GHz Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6362-QXG Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA6362-QXG Datasheet HTML 4Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 5Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 9Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 10Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 11Page - United Monolithic Semiconductors CHA6362-QXG Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CHA6362-QXG
17.7 - 19.7GHz Power Amplifier
Ref. : DSCHA6362-QXG5190 - 09 Jul 15
8/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical board Measurements
Tamb.= +25°C, Vd = +6V, Id = 1340mA
Power Detector versus Pout & Frequency
Power Detector versus Pout &
Temperature
Return Losses versus Gain Control
0.01
0.1
1
10
0
4
8
12
16
20
24
28
32
Output power (dBm)
17.7GHz
18.7GHz
19.7GHz
0.01
0.1
1
10
0
4
8
12
16
20
24
28
32
Output power (dBm)
-40 C
25 C
85 C
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
17.5
18
18.5
19
19.5
20
Frequency (GHz)
S11 at max. gain
S22 at max. gain
S11 vs Vg
S22 vs Vg


Similar Part No. - CHA6362-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6356-QXG UMS-CHA6356-QXG Datasheet
657Kb / 16P
   21.2 - 23.6GHz Power Amplifier
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
   21.2 - 23.6GHz Power Amplifier
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
More results

Similar Description - CHA6362-QXG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
   17.7-23.6GHz Power Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
United Monolithic Semic...
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
   17.7-24GHz Medium Power Amplifier
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 1.3W 17.7-19.7 GHz
logo
RF Micro Devices
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
logo
Renesas Technology Corp
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
   Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
logo
Excelics Semiconductor,...
EIB1718-2P EXCELICS-EIB1718-2P Datasheet
46Kb / 1P
   17.7-18.7GHz, Internally Matched Power FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com