Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2030 Datasheet(PDF) 1 Page - Dc Components

Part # SR2030
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SR2030 Datasheet(HTML) 1 Page - Dc Components

  SR2030 Datasheet HTML 1Page - Dc Components SR2030 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR2020
THRU
SR20100
TO-220
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High swiching capability
* High surge capability
* High reliability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 2.24 gram
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Csae Temperature
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
Amps
20
200
0 C
UNITS
Volts
Volts
20
30
40
50
60
80
100
14
21
28
35
42
56
70
20
30
40
50
60
80
100
100
Volts
Amps
3.5
pF
R
θJC
0.70
2.0
mAmps
Maximum Forward Voltage at 10A DC
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TC = 25
oC
@TC = 100
oC
0.85
SR2040
SR2060
SR20100
SR2030
SR2020
IFSM
IO
VDC
VF
IR
TJ, TSTG
CJ
-65 to +150
700
0 C/W
Note : 1. Thermal Resistance Junction to Case per leg.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “A”= Common Anode
4. Suffix “F” Stands for “ITO-220” package. (e.g.: SR2020F, SR2030F, .....etc)
VOLTAGE RANGE - 20 to 100 Volts
CURRENT - 20 Amperes
SR2080
SR2050
Typical Thermal Resistance (Note 1)
.295(7.5)
.197(5.0)
.028(0.7)
.012(0.3)
.051
(1.3)
.583(14.8)
.500(12.7)
.108
(2.75 )
.055(1.4)
.043(1.1)
.197(5.0)
.148(3.8)
.421(10.7)
.374(9.5)
.626(15.9)
.528(13.4)
.100
(2.54)
.043(1.1)
.024(0.6)
.153(3.9)
.142(3.6)
.157
(4.0)
Typ
Typ
Typ
.126
(3.2)
Typ
* Lead: MIL-STD-202E, Method 208 guaranteed
REV-1,Apr/25/2013


Similar Part No. - SR2030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR2030 TSC-SR2030 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2030 TSC-SR2030 Datasheet
201Kb / 4P
   Dual Common Cathode Schottky Rectifier
SR2030 TSC-SR2030 Datasheet
216Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Rectron Semiconductor
SR2030 RECTRON-SR2030 Datasheet
219Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SR2030 YANGJIE-SR2030 Datasheet
725Kb / 2P
   20.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR2030

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com