Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS5105-QAG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHS5105-QAG
Description  DC-4GHz Reflective SPDT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHS5105-QAG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHS5105-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 10Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 11Page - United Monolithic Semiconductors CHS5105-QAG Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DC-4GHz Reflective SPDT
CHS5105-QAG
Ref. : DSCHS5105-QAG6187 - 05 Jul 16
9/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Gnd
(2)
9-
A
Units :
mm
2-
RFC
10-
Nc
From the standard :
JEDEC MO-220
3-
Gnd
(2)
11-
Nc
(VGGD)
4-
Nc
12-
B
17-
GND
5-
Nc
13-
Nc
6-
Gnd
(2)
14-
RF2
7-
RF1
15-
Gnd
(2)
8-
Nc
16-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHS5105-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100-99F/00 UMS-CHS5100-99F/00 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
More results

Similar Description - CHS5105-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5104-99F UMS-CHS5104-99F_15 Datasheet
494Kb / 12P
   DC-4GHz reflective SPDT
CHS5104-QAG UMS-CHS5104-QAG_15 Datasheet
735Kb / 12P
   DC-4GHz Reflective SPDT
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
   dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
   DC-40 GHz SPDT Reflective Switch
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
   DC-18 GHz SPDT Non-reflective Switch
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
   DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com