Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT3029-QEG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHT3029-QEG
Description  DC-31GHz 4Bit Digital Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT3029-QEG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHT3029-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 10Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 11Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CHT3029-QEG
DC-31GHz 4Bit Digital Attenuator
Ref. : DSCHT3029-QEG5357 - 23 Dec 15
10/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Definition of the Sij reference planes
The reference planes used for Sij measurements given above are symmetrical from the
symmetrical axis of the package (see drawing below). The input and output reference planes
are located at 3mm offset (input wise and output wise respectively) from this axis.
Package Information
Parameter
Value
Package body material
RoHS-compliant
Low stress Injection Molded Plastic
Lead finish
100% matte tin (Sn)
3
3


Similar Part No. - CHT3029-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3029-99F UMS-CHT3029-99F Datasheet
1Mb / 12P
   DC-35GHz 4 Bit Digital Attenuator
More results

Similar Description - CHT3029-QEG

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
   1 ??31GHz 5-Bit Digital Attenuator
TGL2767-SM QORVO-TGL2767-SM Datasheet
599Kb / 11P
   2 ??31GHz Voltage Variable Attenuator
logo
United Monolithic Semic...
CHT3029-99F UMS-CHT3029-99F Datasheet
1Mb / 12P
   DC-35GHz 4 Bit Digital Attenuator
logo
Mini-Circuits
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
   Digital Step Attenuator DC-2400 MHz
logo
United Monolithic Semic...
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012A98F UMS-CHT4012A98F Datasheet
903Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F_15 Datasheet
872Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG_15 Datasheet
579Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Custom MMIC Design Serv...
CMD281 MMIC-CMD281 Datasheet
307Kb / 10P
   DC-40 GHz 2-bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com