Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV1206-98F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHV1206-98F
Description  Low Phase Noise C band HBT VCO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV1206-98F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHV1206-98F Datasheet HTML 1Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHV1206-98F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Phase Noise C band HBT VCO
CHV1206-98F
Ref. : DSCHV12066212 -July the 29th, 2016
3/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
VT
Tuning voltage
15
V
Vd
Drain bias voltage
4
V
Id
Drain bias current
110
mA
Tj
Junction temperature
175
°C
Ta
Operating temperature range
-55 to +125
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
Vc
VC
Positive voltage supply
3
V
VT
VT
Tuning Voltage
0 to 10
V


Similar Part No. - CHV1206-98F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHV1206-FW-1000EST BOURNS-CHV1206-FW-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
CHV1206-FX-1000EST BOURNS-CHV1206-FX-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
CHV1206-JW-1000EST BOURNS-CHV1206-JW-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
CHV1206-JX-1000EST BOURNS-CHV1206-JX-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
CHV1206-ST BOURNS-CHV1206-ST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
More results

Similar Description - CHV1206-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV1203-98F UMS-CHV1203-98F Datasheet
313Kb / 10P
   Low Phase Noise S band HBT VCO
logo
Sanyo Semicon Device
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
United Monolithic Semic...
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG_15 Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV2412-QDG UMS-CHV2412-QDG_15 Datasheet
1Mb / 11P
   Fully integrated HBT K-Band VCO
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
CHV2411A_0709 UMS-CHV2411A_0709 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com