Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHZ180A-SEB Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHZ180A-SEB
Description  180W L-Band HPA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHZ180A-SEB Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHZ180A-SEB Datasheet HTML 1Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 2Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 3Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 4Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 5Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 6Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 7Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 8Page - United Monolithic Semiconductors CHZ180A-SEB Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CHZ180A-SEB
180W L-Band HPA
Ref. : DSCHZ180A-SEB4065 - 06 Mar 14
2/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Recommended DC Operating Ratings
Tcase = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDS
Drain to Source Voltage
20
45
50
V
VGS_Q
Gate to Source Voltage
-1.9
V
VD = 45V, ID_Q =1.3A
ID_Q
Quiescent Drain Current
1.3
3
A
VD = 45V
ID_MAX
Drain Current in saturation
9.6
(1)
A
VD = 45V,
Compressed mode
IG_MAX
Gate Current (forward mode)
0
64
mA
Compressed mode
PW
Pulse width
1.5
ms
Dc
Duty cycle
10
%
Tj_MAX
Junction temperature
200
°C
(1) Limited by dissipated power
DC Characteristics
Tcase = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VP
Pinch-Off Voltage
-3
-2
-1
V
VD = 45V, ID = IDSS/100
ID_SAT
(2)
Saturated Drain Current
30
A
VD = 7V, VG = 2V,
(1)
IG_leak
Gate Leakage Current
(reverse mode)
-10
mA
VD = 45V, VG = -7V,
(1)
VBDS
Drain-Source
Break-down Voltage
200
V
VG = -7V,
(1)
RTH
Thermal Resistance
0.75
°C/W
1ms – 10%
(1) Parameters extrapolated from unit cell measurement
(2) For information, limited by ID_MAX , see on Absolute Maximum Ratings


Similar Part No. - CHZ180A-SEB

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHZ015A-QEG UMS-CHZ015A-QEG Datasheet
1Mb / 14P
   15W L-Band Driver
CHZ050A-SEA UMS-CHZ050A-SEA Datasheet
696Kb / 12P
   50W C Band HPA
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
More results

Similar Description - CHZ180A-SEB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
United Monolithic Semic...
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
logo
TriQuint Semiconductor
TGA4505 TRIQUINT-TGA4505_15 Datasheet
461Kb / 10P
   4 Watt Ka Band HPA
TGA4916 TRIQUINT-TGA4916_15 Datasheet
268Kb / 12P
   7 Watt Ka-Band HPA
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4501-SCC TRIQUINT-TGA4501-SCC Datasheet
218Kb / 11P
   24-31 GHz Ka Band HPA
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
   27- 32 GHz Ka Band HPA
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com