Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0112A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0112A
Description  SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0112A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0112A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TST Part No.: TF0112A
Customer Part No.:
Checked by:
Hayley Chou
Approved by:
Andy Yu
Date:
2015/12/28
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TF0112A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0112A TAI-SAW-TF0112A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TF0112A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0113A TAI-SAW-TF0113A Datasheet
436Kb / 12P
   SAW Duplexer 733/788 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA1898D TAI-SAW-TA1898D Datasheet
476Kb / 8P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1898C TAI-SAW-TA1898C Datasheet
426Kb / 9P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1898B TAI-SAW-TA1898B Datasheet
476Kb / 8P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA2598A TAI-SAW-TA2598A Datasheet
763Kb / 8P
   SAW Filter 1227.6 MHz BW 20 MHz SMD 2.0x1.6 mm
TA2042B TAI-SAW-TA2042B Datasheet
940Kb / 10P
   SAW Filter 847 MHz Band 20 SMD 1.1X0.9 mm (BW=30 MHz)
TA2042A TAI-SAW-TA2042A Datasheet
508Kb / 9P
   SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA2041B TAI-SAW-TA2041B Datasheet
487Kb / 9P
   SAW Filter 806 MHz SMD 1.1X0.9 mm (BW=30 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com