Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH128-89G Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # AH128-89G
Description  쩌 W High Linearity InGaP HBT Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH128-89G Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button AH128-89G Datasheet HTML 7Page - TriQuint Semiconductor AH128-89G Datasheet HTML 8Page - TriQuint Semiconductor AH128-89G Datasheet HTML 9Page - TriQuint Semiconductor AH128-89G Datasheet HTML 10Page - TriQuint Semiconductor AH128-89G Datasheet HTML 11Page - TriQuint Semiconductor AH128-89G Datasheet HTML 12Page - TriQuint Semiconductor AH128-89G Datasheet HTML 13Page - TriQuint Semiconductor AH128-89G Datasheet HTML 14Page - TriQuint Semiconductor AH128-89G Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AH128
¼
 W High Linearity InGaP HBT Amplifier
Datasheet: Rev. B 02-25-16
- 11 of 17 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.triquint.com / www.qorvo.com
Performance Plots - 2110
 – 2170 MHz Reference Design (cont’d)
Test conditions unless otherwise noted: VCC=+5 V, ICQ = 115 mA, Temp=+25 °C, 50 Ω system
19
20
21
22
23
24
25
3
4
5
6
7
8
9
Input Power (dBm)
Output Average Power vs Input Average Power
T=25°C
2110 MHz
2140 MHz
2170 MHz
-65
-60
-55
-50
-45
-40
10
12
14
16
18
Output Power (dBm)
ACLR vs. Output Average Power vs. Frequency
T=25°C
2110 MHz
2140 MHz
2170 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.3 dB @ 0.01% Probability
3.84 MHz BW
-65
-60
-55
-50
-45
-40
10
12
14
16
18
Output Power (dBm)
ACLR vs. Output Average Power vs. Temperature
f=2140 GHz
+85°C
+25°C
-40°C
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.3 dB @ 0.01% Probability
3.84 MHz BW
0
1
2
3
4
5
6
7
8
2.10
2.12
2.14
2.16
2.18
2.20
Frequency (GHz)
Noise Figure vs. Frequency vs. Temperature
+85°C
+25°C
-40°C
25
30
35
40
45
8
9
10
11
12
13
14
15
16
Output Power/Tone (dBm)
OIP3 vs. Output Power/Tone vs. Temperature
f=2140 GHz, 1 MHz spacing
+85°C
+25°C
-40°C
25
30
35
40
45
8
9
10
11
12
13
14
15
16
Output Power/Tone (dBm)
OIP3 vs. Output Power/Tone vs. Frequency
T=25°C, 1 MHz spacing
2110 MHz
2140 MHz
2170 MHz
25
30
35
40
45
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
OIP3 vs. Frequency
T=25°C, 1 MHz spacing, 10 dBm/tone
0
5
10
15
20
25
8
10
12
14
16
18
20
Output Power (dBm)
Efficiency vs Output Average Power vs. Frequency
T=25°C
2110 MHz
2140 MHz
2170 MHz


Similar Part No. - AH128-89G

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH12 XPPOWER-AH12 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Ohmite Mfg. Co.
AH12118 OHMITE-AH12118 Datasheet
494Kb / 2P
   Multiple finishes available
AH12153 OHMITE-AH12153 Datasheet
494Kb / 2P
   Multiple finishes available
logo
Taiyo Yuden (U.S.A.), I...
AH122F157501-T TAIYO-YUDEN-AH122F157501-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AH122F1575S1-T TAIYO-YUDEN-AH122F1575S1-T Datasheet
529Kb / 8P
   CHIP ANTENNA
More results

Similar Description - AH128-89G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114_06 Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118 WJCI-AH118 Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118 Datasheet
843Kb / 14P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118 WJCI-AH118_06 Datasheet
273Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
SCG015 WJCI-SCG015_06 Datasheet
203Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH125-89G TRIQUINT-AH125-89G_15 Datasheet
1Mb / 14P
   W High Linearity InGaP HBT Amplifier
AH114 TRIQUINT-AH114 Datasheet
496Kb / 5P
   W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com