Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2501-GSG Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2501-GSG
Description  2.8 Watt 6-18 GHz Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2501-GSG Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2501-GSG Datasheet HTML 3Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 4Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 5Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 6Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 7Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 8Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 9Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 10Page - TriQuint Semiconductor TGA2501-GSG Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TGA2501-GSG
2.8 Watt 6-18 GHz Power Amplifier
Preliminary Data Sheet: 8/28/2012
-
10 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
ESD Information
ESD rating:
TBD
Value:
Passes > TBD V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ECCN
US Department of Commerce: 3A001.b.2.c
Solderability
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Haz-
ardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C15H12Br402) Free
 PFOS Free
1. Clean the board or module with alcohol. Allow it to fully dry
2. Nylock screws are recommended for mounting the TGA2501-GSG to the board
3. To improve the thermal and RF performance, we recommend a heat sink attached
to the bottom of the board and/or apply thermal compound to the bottom of the
TGA2501-GSG
4. Apply solder to each pin of the TGA2501-GSG.
5.
Clean the assembly with alcohol.
Product Compliance Information
Assembly Notes


Similar Part No. - TGA2501-GSG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2501 TRIQUINT-TGA2501 Datasheet
222Kb / 11P
   6 - 18 GHz 2.8 Watt, 24 dB Power Amplifier
More results

Similar Description - TGA2501-GSG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2501 TRIQUINT-TGA2501 Datasheet
222Kb / 11P
   6 - 18 GHz 2.8 Watt, 24 dB Power Amplifier
logo
Excelics Semiconductor,...
EMP216 EXCELICS-EMP216 Datasheet
260Kb / 5P
   6 - 18 GHz 2 Watt Power Amplifier MMIC
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6036 TELEDYNE-CPA-18-6036 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6025 TELEDYNE-CPA-18-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6028 TELEDYNE-CPA-18-6028 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6035 TELEDYNE-CPA-18-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com