Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7411ARQZ10 Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7411ARQZ10
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411ARQZ10 Datasheet(HTML) 4 Page - Analog Devices

  ADT7411ARQZ10 Datasheet HTML 1Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 2Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 3Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 4Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 5Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 6Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 7Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 8Page - Analog Devices ADT7411ARQZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADT7411
Rev. A | Page 4 of 36
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
ROUND ROBIN UPDATE RATE2
Time to complete one measurement cycle through all
channels.
Slow ADC @ 25°C
Averaging On
125.4
ms
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging Off
17.1
ms
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging On
140.36
ms
D+ and D– are selected on Pins 7 and 8.
Averaging Off
12.11
ms
D+ and D− are selected on Pins 7 and 8.
Fast ADC @ 25°C
Averaging On
9.26
ms
AIN1 and AIN2 are selected on Pins 7 and 8.
Averaging Off
578.96
µs
AIN1 and AIN2 are selected on pins 7 and 8.
Averaging On
24.62
ms
D+ and D− are selected on Pins 7 and 8.
Averaging Off
3.25
ms
D+ and D− are selected on Pins 7 and 8.
ON-CHIP REFERENCE3
Reference Voltage
2.25
V
Temperature Coefficient
80
ppm/°C
DIGITAL INPUTS1, 3
Input Current
±1
µA
VIN = 0 V to VDD.
VIL, Input Low Voltage
0.8
V
VIH, Input High Voltage
1.89
V
Pin Capacitance
3
10
pF
All Digital Inputs.
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less than 50 ns.
DIGITAL OUTPUT
Output High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200 µA.
Output Low Voltage, VOL
0.4
V
IOL = 3 mA.
Output High Current, IOH
1
mA
VOH = 5 V.
Output Capacitance, COUT
50
pF
INT/INT Output Saturation Voltage
0.8
V
IOUT = 4 mA.
I2C TIMING CHARACTERISTICS4, 5
Serial Clock Period, t1
2.5
µs
Fast-Mode I2C. See Figure 2.
Data In Setup Time to SCL High, t2
50
ns
Data Out Stable after SCL Low, t3
0
ns
See Figure 2.
SDA Low Setup Time to SCL Low
(Start Condition), t4
50
ns
See Figure 2.
SDA High Hold Time after SCL High
(Stop Condition), t5
50
ns
See Figure 2.
SDA and SCL Fall Time, t6
90
ns
See Figure 2.
SPI TIMING CHARACTERISTICS1, 3, 6
CS to SCLK Setup Time, t1
0
ns
See Figure 3.
SCLK High Pulse Width, t2
50
ns
See Figure 3.
SCLK Low Pulse Width, t3
50
ns
See Figure 3.
Data Access Time after SCLK
Falling Edge, t4 6
35
ns
See Figure 3.
Data Setup Time Prior to SCLK
Rising Edge, t5
20
ns
See Figure 3.
Data Hold Time after SCLK
Rising Edge, t6
0
ns
See Figure 3.
2 Round robin is the continuous sequential measurement of the following channels: VDD, internal temperature, external temperature (AIN1, AIN2), AIN3, AIN4, AIN5,
AIN6, AIN7, and AIN8.
3 Guaranteed by design and characterization, not production tested.
4 The SDA and SCL timing is measured with the input filters turned on so as to meet the FAST-Mode I2C specification. Switching off the input filters improves the transfer
rate, but has a negative effect on the EMC behavior of the part.
5 Guaranteed by design. Not tested in production.
6 All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD), and timed from a voltage level of 1.6 V.


Similar Part No. - ADT7411ARQZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411ARQZ1 AD-ADT7411ARQZ1 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results

Similar Description - ADT7411ARQZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com