Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA03-24S12 Datasheet(PDF) 2 Page - Total Power International

Part # MA03-24S12
Description  High Power Density, 3W in SIP-7 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MA03-24S12 Datasheet(HTML) 2 Page - Total Power International

  MA03-24S12 Datasheet HTML 1Page - Total Power International MA03-24S12 Datasheet HTML 2Page - Total Power International MA03-24S12 Datasheet HTML 3Page - Total Power International MA03-24S12 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MA03 SERIES
DC/DC CONVERTER 3W, SIP-Package
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1000
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
60
120
pF
Switching Frequency
---
60
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,000,000
---
---
Hours
SafetyApprovals(pending)
CSA60950-1 recognition,IEC/EN 60950-1(CB-scheme)
Input Fuse
5V Input Models
12V Input Models
24V Input Models
2000mASlow-Blow Type
1000mASlow-Blow Type
500mASlow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
OperatingAmbient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
Output Voltage Tolerance
0%
20%
40%
60%
80%
100%
Output Load Current (%)
Max.
Typ.
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
Min.
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MA03-24S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03-24S12 MINMAX-MA03-24S12 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
More results

Similar Description - MA03-24S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com