Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA01-24D05 Datasheet(PDF) 1 Page - Total Power International

Part # MA01-24D05
Description  Semi-regulated Output Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MA01-24D05 Datasheet(HTML) 1 Page - Total Power International

  MA01-24D05 Datasheet HTML 1Page - Total Power International MA01-24D05 Datasheet HTML 2Page - Total Power International MA01-24D05 Datasheet HTML 3Page - Total Power International MA01-24D05 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MA01 SERIES
DC/DC CONVERTER 1W, SIP-Package
FEATURES
Standard SIP-7 Package
Semi-regulated Output Voltage
High Effiency to 88.5%
I/O-isolation 1000VDC
Operating Temp. Range –40°C to +85°C
CSA/IEC/EN 60950-1 Safety Approval
Industry Standard Pinout
3 Years Product Warranty
PRODUCT OVERVIEW
The MA01 series is a new range of isolated 1W DC/DC converter modules in a small SIP-package. There are 24 models available with 5V, 12V or 24VDC
input and single-or dual-output voltages. These products provide have a typical load regulation of 2.5% to 5.0% depending on model.
The MA01 DC/DC converters are a compromise between a more expensive fully regulated converter and a non-regulated converter. They offer the
designer a new solution for many cost critical applications where the output voltage variation has to be kept in a certain limit under all load conditions.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min. @Max. Load @No Load
Load
Regulation
Reflected
Ripple
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.) mA(typ.)
µF
%
MA01-05S05
5
200
4
238
6.5
84
MA01-05S09
9
110
2
228
5
87
MA01-05S12
12
84
1.5
232
5.2
87
MA01-05S15
15
67
1
230
5
220
87.5
MA01-05D05
±5
±100
±2
237
5.2
84.5
MA01-05D09
±9
±56
±1
234
4.2
86
MA01-05D12
±12
±42
±0.8
233
4.6
86.5
MA01-05D15
5
(4.5 ~ 5.5)
±15
±34
±0.7
236
30
4.5
7
100#
86.5
MA01-12S05
5
200
4
99
5
84
MA01-12S09
9
110
2
95
3.4
86.5
MA01-12S12
12
84
1.5
95
3.4
88.5
MA01-12S15
15
67
1
95
2.7
220
88
MA01-12D05
±5
±100
±2
99
3.9
84.5
MA01-12D09
±9
±56
±1
98
2.8
86
MA01-12D12
±12
±42
±0.8
95
2.9
88.5
MA01-12D15
12
(10.8 ~ 13.2)
±15
±34
±0.7
94
12
2.6
4
100#
87.5
MA04-24S05
5
200
4
50
3.7
84
MA01-24S09
9
110
2
48
2.5
86.5
MA01-24S12
12
84
1.5
48
2.4
87.5
MA01-24S15
15
67
1
48
2.3
220
87.5
MA01-24D05
±5
±100
±2
50
3.7
83.5
MA01-24D09
±9
±56
±1
49
2.5
86
MA01-24D12
±12
±42
±0.8
48
2.4
87
MA01-24D15
24
(21.6 ~ 26.4)
±15
±34
±0.7
49
11
2.3
8
100#
87
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
VDC
Reverse Polarity Input Current
---
---
0.3
A
Internal Filter Type
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MA01-24D05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA01-24D05 MINMAX-MA01-24D05 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
More results

Similar Description - MA01-24D05

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
SynQor Worldwide Headqu...
AQ0300IUXX SYNQOR-AQ0300IUXX Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
logo
Laird Tech Smart Techno...
WPG-1 LSTD-WPG-1 Datasheet
553Kb / 2P
   Regulated output voltage
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
   fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
   fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
   fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
   fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
   fully regulated output voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com