Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5454A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N5454A
Description  Segmented Memory Acquisition
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5454A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N5454A Datasheet HTML 2Page - Keysight Technologies N5454A Datasheet HTML 3Page - Keysight Technologies N5454A Datasheet HTML 4Page - Keysight Technologies N5454A Datasheet HTML 5Page - Keysight Technologies N5454A Datasheet HTML 6Page - Keysight Technologies N5454A Datasheet HTML 7Page - Keysight Technologies N5454A Datasheet HTML 8Page - Keysight Technologies N5454A Datasheet HTML 9Page - Keysight Technologies N5454A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
06 | Keysight | Segmented Memory Acquisition for InfiniiVision Series Oscilloscopes - Data Sheet
Figures 4a and 4b show examples of
capturing 1,000 consecutive remote
and data frames with the ID code
of 07FHEX. This was accomplished
by setting the trigger condition to
trigger on either remote or data
frames with this specific frame ID.
Now we can easily measure the
timing latency between each remote
transfer request frame with a frame
ID of 07FHEX and its associated data
frame response with the same frame
ID. In this measurement example, the
latency between segment 4 (remote
frame) and segment 5 (data frame)
was 4.821 ms. Also note that although
not shown, the time-tag on the last
captured segment (segment 1,000)
was approximately 9.5 seconds.
Capturing this much time using
conventional oscilloscope acquisition
memory at this sample rate would
require 16 Megapoints of memory.
Figure 4a: Remote frame 07FHEX captured as segment 4 has a time-tag of 32.3199 ms.
Mixed-Signal and Serial Bus Applications
Figure 4b: Data frame 07FHEX captured as segment 5 is time-tagged at 37.1359 ms indicating a latency
of 4.816 ms.


Similar Part No. - N5454A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5454A HP-N5454A Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
logo
Keysight Technologies
N5454A KEYSIGHT-N5454A Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
More results

Similar Description - N5454A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX2SGM KEYSIGHT-DSOX2SGM Datasheet
3Mb / 11P
   Segmented Memory Acquisition
DSOX3SGM KEYSIGHT-DSOX3SGM Datasheet
3Mb / 11P
   Segmented Memory Acquisition
logo
Agilent(Hewlett-Packard...
N5454A HP-N5454A Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
logo
Ningbo Foryard Optoelec...
FYA-CR41AX-XX FORYARD-FYA-CR41AX-XX Datasheet
416Kb / 5P
   Lightbar segmented
FYA-R2010AZUW-X1 FORYARD-FYA-R2010AZUW-X1 Datasheet
392Kb / 5P
   Lightbar segmented
FYA-C18EZX-XX FORYARD-FYA-C18EZX-XX Datasheet
389Kb / 5P
   Lightbar segmented
FYA-R021407AZX-XX FORYARD-FYA-R021407AZX-XX Datasheet
386Kb / 5P
   Lightbar segmented
FYA-C20AZX-XX FORYARD-FYA-C20AZX-XX Datasheet
394Kb / 5P
   Lightbar segmented
FYA-R053007AZX-XX FORYARD-FYA-R053007AZX-XX Datasheet
385Kb / 5P
   Lightbar segmented
logo
MERITEK ELECTRONICS COR...
RWSF-W MERITEK-RWSF-W Datasheet
85Kb / 1P
   Segmented Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com