Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCW03-05S05 Datasheet(PDF) 2 Page - Total Power International

Part # MCW03-05S05
Description  High Power Density in SIP-8 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MCW03-05S05 Datasheet(HTML) 2 Page - Total Power International

  MCW03-05S05 Datasheet HTML 1Page - Total Power International MCW03-05S05 Datasheet HTML 2Page - Total Power International MCW03-05S05 Datasheet HTML 3Page - Total Power International MCW03-05S05 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCW03 SERIES
DC/DC CONVERTER 3W, SIP-Package
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
11
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
3
4
4.5
12V Input Models
4.5
7
9
24V Input Models
8
12
18
Start-Up Threshold Voltage
48V Input Models
16
24
36
5V Input Models
---
3.5
4
12V Input Models
---
6.5
8.5
24V Input Models
---
11
17
Under Voltage Shutdown
48V Input Models
---
22
34
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
2500
mW
Internal Filter Type
Capacitor type
Internal Power Dissipation
All Models
---
---
2500
mW
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage SettingAccuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±1.0
%
Ripple & Noise
max. 20MHz Bandwidth
---
50
75
mV P-P
Transient Recovery Time
---
300
500
µsec
Transient Response Deviation
25% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
---
±0.02
%/℃
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1600
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
60
200
pF
Switching Frequency
---
300
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
1,000,000
---
---
Hours
SafetyApprovals
CSA60950-1 recognition,IEC/EN 60950-1(CB-scheme)
Input Fuse
5V Input Models
12V Input Models
24V Input Models
48V Input Models
2000mASlow-Blow Type
1000mASlow-Blow Type
500mASlow-Blow Type
250mASlow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
Under 0.6 VDC or Open Circuit, drops down to 0VDC by 2mV/℃
Converter Off
2.7 to 15 VDC
Standby Input Current
---
1
2.5
mA
Control Input Current ( on )
Vin = 0V
---
---
1
mA
Control Input Current ( off )
Vin = 5.0V
---
---
1
mA
Control Common
Referenced to Negative Input
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Total Power International, Inc.


Similar Part No. - MCW03-05S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCW03-05S05 MINMAX-MCW03-05S05 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
More results

Similar Description - MCW03-05S05

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
logo
Total Power Internation...
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com