Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDHU105 Datasheet(PDF) 1 Page - Total Power International

Part # MDHU105
Description  Reinforced Insulation rated for 300VAC Working Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDHU105 Datasheet(HTML) 1 Page - Total Power International

  MDHU105 Datasheet HTML 1Page - Total Power International MDHU105 Datasheet HTML 2Page - Total Power International MDHU105 Datasheet HTML 3Page - Total Power International MDHU105 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Ultra-compact DIP-16 Package
Reinforced Insulation rated for 300VAC Working Voltage
I/O-isolation 4000VACrms
Industrial & Medical Safety Approval
Operating Temp. Range –25°C to +80°C
Low Leakage Current
3 Years Product Warranty
PRODUCT OVERVIEW
The MDHU100 series is a new range of 2W DC/DC-converter modules providing a very high I/O-isolation voltage of 4000 VAC. The product comes
in a small SMD-package. There are 15 models available with 5V, 12V or 24VDC input and single-or dual-output voltages.
The MDHU100 DC/DC converters offer an economical solution for many applications in instrumentation, industrial controls, medical equipment and
everywhere where a certified supplementary- or reinforced insulation system is required to comply with requested safety standards.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. Capacitive
Load
@Max. Load
Model
Number
VDC
VDC
Ma
Ma
Ma(typ.)
Ma(typ.)
% (max.)
Uf
%
MDHU102
5
400
8
606
12
66
MDHU104
12
165
3
600
10
66
MDHU105
15
133
2.5
605
10
330
66
MDHU108
±12
±83
±1.5
553
10
72
MDHU109
5
(4.5 ~ 5.5)
±15
±66
±1
542
60
10
100#
73
MDHU112
5
400
8
253
12
66
MDHU114
12
165
3
250
10
66
MDHU115
15
133
2.5
252
10
330
66
MDHU118
±12
±83
±1.5
224
10
74
MDHU119
12
(10.8 ~ 13.2)
±15
±66
±1
220
30
10
100#
75
MDHU122
5
400
8
126
12
66
MDHU124
12
165
3
125
10
66
MDHU125
15
133
2.5
126
10
330
66
MDHU128
±12
±83
±1.5
112
10
74
MDHU129
24
(21.6 ~ 26.4)
±15
±66
±1
110
15
10
100#
75
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
650
Mw
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MDHU105

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDHU105 MINMAX-MDHU105 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU105 MINMAX-MDHU105 Datasheet
265Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Inslation, Medical Safety
More results

Similar Description - MDHU105

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MIDR03M TOTAL-POWER-MIDR03M Datasheet
453Kb / 4P
   Insulation rated for 300VAC Working Voltage
MKW10M TOTAL-POWER-MKW10M Datasheet
550Kb / 4P
   Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
   REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com