Electronic Components Datasheet Search |
|
MCW03-12D05 Datasheet(PDF) 1 Page - Total Power International |
|
MCW03-12D05 Datasheet(HTML) 1 Page - Total Power International |
1 / 4 page FEATURES ►High Power Density in SIP-8 Package ►Small Footprint: 21.8 x 9.3 mm(0.86”x 0.37”) ►Wide 2:1 Input Range ►Fully Regulated Output ►Operating Temp. Range -40°C to +85°C ►Overload Protection ►Remote On/Off Control ►I/O-Isolation Voltage 1600VDC ►UL/IEC/EN 60950-1 Safety Approval ►3 Years Product Warranty PRODUCT OVERVIEW The MCW03 series is a range of isolated 3W DC/DC converter modules featuring fully regulated output and wide 2:1 input voltage ranges. The product comes in a SIP-8 package with a very small footprint occupying only 2.0 cm2 (0.3 square in.) on the PCB. An excellent efficiency allows an operating temperature range of -40°C to +85°C. Further features include remote On/Off control and over load protection. The very compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications in battery-powered equipment and instrumentation. Model Selection Guide Output Current Input Current Efficiency (typ.) Input Voltage (Range) Output Voltage Max. Min. @Max. Load @No Load Max. capacitive Load @Max. Load Model Number VDC VDC mA mA mA(typ.) mA(typ.) µF % MCW03-05S033 3.3 700 175 651 1760 71 MCW03-05S05 5 600 150 822 1000 73 MCW03-05S12 12 250 63 759 170 79 MCW03-05S15 15 200 50 759 110 79 MCW03-05D05 ±5 ±300 ±75 811 470 # 74 MCW03-05D12 ±12 ±125 ±31 759 100 # 79 MCW03-05D15 5 (4.5 ~ 9) ±15 ±100 ±25 759 70 47 # 79 MCW03-12S033 3.3 700 175 257 1760 75 MCW03-12S05 5 600 150 321 1000 78 MCW03-12S12 12 250 63 301 170 83 MCW03-12S15 15 200 50 301 110 83 MCW03-12D05 ±5 ±300 ±75 316 470 # 79 MCW03-12D12 ±12 ±125 ±31 301 100 # 83 MCW03-12D15 12 (9 ~ 18) ±15 ±100 ±25 301 20 47 # 83 MCW03-24S033 3.3 700 175 128 1760 75 MCW03-24S05 5 600 150 160 1000 78 MCW03-24S12 12 250 63 151 170 83 MCW03-24S15 15 200 50 151 110 83 MCW03-24D05 ±5 ±300 ±75 156 470 # 80 MCW03-24D12 ±12 ±125 ±31 151 100 # 83 MCW03-24D15 24 (18 ~ 36) ±15 ±100 ±25 151 10 47 # 83 MCW03-48S033 3.3 700 175 64 1760 75 MCW03-48S05 5 600 150 80 1000 78 MCW03-48S12 12 250 63 75 170 83 MCW03-48S15 15 200 50 75 110 83 MCW03-48D05 ±5 ±300 ±75 78 470 # 80 MCW03-48D12 ±12 ±125 ±31 75 100 # 83 MCW03-48D15 48 (36 ~ 75) ±15 ±100 ±25 75 8 47 # 83 # For each output Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com |
Similar Part No. - MCW03-12D05 |
|
Similar Description - MCW03-12D05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |