Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGWI06-24D15 Datasheet(PDF) 1 Page - Total Power International

Part # MGWI06-24D15
Description  Ultra compact DIP Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MGWI06-24D15 Datasheet(HTML) 1 Page - Total Power International

  MGWI06-24D15 Datasheet HTML 1Page - Total Power International MGWI06-24D15 Datasheet HTML 2Page - Total Power International MGWI06-24D15 Datasheet HTML 3Page - Total Power International MGWI06-24D15 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Ultra compact DIP Package
21.6 x 20.3 x 10.2 mm (0.85 x 0.80 x 0.40 inches)
Ultra wide 4:1 Input Range
Fully regulated Output
Operating Temp. Range –40°C to +85°C
Over Load Protection
Remote On/Off Control
I/O-isolation 1500 VDC
Input Filter meets EN 55022,class A and FCC, level A
CSA/UL/IEC/EN 60950-1 Safety Approval
3 Years Product Warranty
PRODUCT OVERVIEW
The MGWI06 series is a new range of isolated 6W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input voltage
ranges. These products are with a very small footprint occupying just 4.5cm2 (0.7 square in.) on PCB. An excellent efficiency allows an operating
temperature range of –40° to +85°C. Further features include remote On/Off control and over load protection.
The very compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications in battery-powered equipment
and instrumentation.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
μF
%
MGWI06-24S033
3.3
1450
218
262
76
MGWI06-24S05
5
1200
180
316
330
79
MGWI06-24S12
12
500
75
301
83
MGWI06-24S15
15
400
60
301
83
MGWI06-24S24
24
250
38
301
100
83
MGWI06-24D05
±5
±600
±90
301
82
MGWI06-24D12
±12
±250
±38
301
83
MGWI06-24D15
24
(9 ~ 36)
±15
±200
±30
301
30
100#
83
MGWI06-48S033
3.3
1450
218
131
76
MGWI06-48S05
5
1200
180
158
330
79
MGWI06-48S12
12
500
75
151
83
MGWI06-48S15
15
400
60
151
83
MGWI06-48S24
24
250
38
151
100
83
MGWI06-48D05
±5
±600
±90
151
82
MGWI06-48D12
±12
±250
±38
151
83
MGWI06-48D15
48
(18 ~ 75)
±15
±200
±30
151
20
100#
83
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
17
VDC
Short Circuit Input Power
---
---
3000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MGWI06-24D15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MGWI06-24D15 MINMAX-MGWI06-24D15 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
MGWI06-24D15 MINMAX-MGWI06-24D15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
More results

Similar Description - MGWI06-24D15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
   Ultra compact DIP Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
MGWI06 MINMAX-MGWI06 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
logo
Solid State Optronic
SDD400 SSOUSA-SDD400_15 Datasheet
673Kb / 6P
   Compact 4pin DIP package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-300E AVAGO-ACPL-790A-300E Datasheet
198Kb / 15P
   Compact, Auto-Insertable DIP-8 Package
logo
Solid State Optronic
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com