Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV37EN Datasheet(PDF) 3 Page - ZP Semiconductor

Part # PMV37EN
Description  30 V, 3.1 A N-channel Trench MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

PMV37EN Datasheet(HTML) 3 Page - ZP Semiconductor

  PMV37EN Datasheet HTML 1Page - ZP Semiconductor PMV37EN Datasheet HTML 2Page - ZP Semiconductor PMV37EN Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
30
--V
VGSth
gate-source threshold
voltage
ID =250 µA; VDS =VGS; Tj =25°C
1
1.5
2.5
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
--1
µA
VDS =30V; VGS =0V; Tj = 150 °C
--10
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =3.1 A; Tj = 25 °C
-
28
36
m
VGS =10V; ID =3.1 A; Tj = 150 °C
-
4555m
VGS =4.5 V; ID = 2.7 A; Tj = 25 °C
-
37
47
m
gfs
forward
transconductance
VDS =5V; ID =3 A; Tj =25°C
-
10
-
S
Dynamic characteristics
QG(tot)
total gate charge
VDS =15V; ID =3A; VGS =10V;
Tj =25°C
-
6.5
10
nC
QGS
gate-source charge
-
1
-
nC
QGD
gate-drain charge
-
1
-
nC
Ciss
input capacitance
VDS =15V; f=1MHz; VGS =0V;
Tj =25°C
-
330
-
pF
Coss
output capacitance
-
76
-
pF
Crss
reverse transfer
capacitance
-36
-
pF
td(on)
turn-on delay time
VDS =15V; VGS =10V; RG(ext) =6 Ω;
Tj =25°C; ID =3A
-4
-ns
tr
rise time
-
14
-
ns
td(off)
turn-off delay time
-
55
-
ns
tf
fall time
-
23
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 0.6 A; VGS =0V; Tj = 25 °C
-
0.75
1.2
V
PMV37EN
30 V, 3.1 A N-channel Trench MOSFET
3 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - PMV37EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
VBsemi Electronics Co.,...
PMV37EN VBSEMI-PMV37EN Datasheet
486Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV37EN NEXPERIA-PMV37EN Datasheet
925Kb / 16P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1 - 9 May 2011
PMV37EN2 NEXPERIA-PMV37EN2 Datasheet
670Kb / 16P
   30 V, N-channel Trench MOSFET
10 January 2017
logo
NXP Semiconductors
PMV37EN2 PHILIPS-PMV37EN2_15 Datasheet
498Kb / 15P
   30 V, N-channel Trench MOSFET
3 June 2014
More results

Similar Description - PMV37EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV37EN NEXPERIA-PMV37EN Datasheet
925Kb / 16P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1 - 9 May 2011
logo
NXP Semiconductors
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
PMN35EN NXP-PMN35EN Datasheet
823Kb / 15P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011
PMN20EN NXP-PMN20EN Datasheet
822Kb / 15P
   30 V, 6.7 A N-channel Trench MOSFET
Rev. 1-30 May 2011
PMF250XN PHILIPS-PMF250XN Datasheet
889Kb / 15P
   30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011
logo
Nexperia B.V. All right...
PMN35EN NEXPERIA-PMN35EN Datasheet
1Mb / 16P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011
logo
NXP Semiconductors
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
   30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
logo
Nexperia B.V. All right...
PMN25EN NEXPERIA-PMN25EN Datasheet
465Kb / 18P
   30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011
PMT21EN NEXPERIA-PMT21EN Datasheet
461Kb / 16P
   30 V, 7.4 A N-channel Trench MOSFET
Rev. 1 - 30 August 2011
logo
ZP Semiconductor
PMV20XN ZPSEMI-PMV20XN Datasheet
447Kb / 4P
   30 V, 4.8 A N-channel Trench MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com