Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIDR03-12S12M Datasheet(PDF) 1 Page - Total Power International

Part # MIDR03-12S12M
Description  Insulation rated for 300VAC Working Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIDR03-12S12M Datasheet(HTML) 1 Page - Total Power International

  MIDR03-12S12M Datasheet HTML 1Page - Total Power International MIDR03-12S12M Datasheet HTML 2Page - Total Power International MIDR03-12S12M Datasheet HTML 3Page - Total Power International MIDR03-12S12M Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
3000VAC reinforced Insulation
Insulation rated for 300VAC Working Voltage
Medical Safety to UL/CSA/EN/IEC 60601-1 3rd Edition
2 MOOP rated
Fully regulated Output Voltage
Low Leakage Current
Operating Temp. Range –40°C to +75°C
Input Filter meets EN 55022,class A and FCC, level A
Short Circuit Protection
Small DIP-24 Plastic Package
3 Years Product Warrant
PRODUCT OVERVIEW
The MIDR03M series is a new range of high isolation DC/DC converter modules with a reinforced insulation system .The I/O- isolation voltage is specified
for 3000VACrms.The product comes in a small DIP-24 package. There are 15 models available for 5V,12V and 24V input voltage and single- or dual-
output voltage .The MIDR03M DC/DC converters offer a cost effective solution for applications in industrial controls, medical instrumentation and also in
consumer electronics requesting a certified supplementary or reinforced insulation system to comply with industrial or latest medical safety standards.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
Output
Voltage
Max.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MIDR03-05S05M
5
600
1000
60
MIDR03-05S12M
12
250
960
62
MIDR03-05S15M
15
200
960
470
62
MIDR03-05D12M
±12
±125
1000
60
MIDR03-05D15M
5 ±10%
±15
±100
1000
130
220 #
60
MIDR03-12S05M
5
600
420
60
MIDR03-12S12M
12
250
400
62
MIDR03-12S15M
15
200
400
470
62
MIDR03-12D12M
±12
±125
420
60
MIDR03-12D15M
12 ±10%
±15
±100
420
60
220 #
60
MIDR03-24S05M
5
600
210
60
MIDR03-24S12M
12
250
195
64
MIDR03-24S15M
15
200
195
470
64
MIDR03-24D12M
±12
±125
210
60
MIDR03-24D15M
24 ±10%
±15
±100
210
40
220 #
60
# For each output
Input Specifications
Parameter
Model
Min.
Max.
Unit
5V Input Models
4.5
5.5
12V Input Models
10.8
13.2
Input Voltage Range
24V Input Models
21.6
26.4
5V Input Models
-0.7
7.5
12V Input Models
-0.7
15
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
30
VDC
Reverse Polarity Input Current
---
0.5
A
Short Circuit Input Power
---
2500
mW
Internal Power Dissipation
---
3000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MIDR03-12S12M

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIDR03-12S12M MINMAX-MIDR03-12S12M Datasheet
311Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
More results

Similar Description - MIDR03-12S12M

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW10M TOTAL-POWER-MKW10M Datasheet
550Kb / 4P
   Insulation rated for 300VAC Working Voltage
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Recom International Pow...
REM10 RECOM-REM10 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com