Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIAR03-24S05 Datasheet(PDF) 1 Page - Total Power International

Part # MIAR03-24S05
Description  DIP-24 Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIAR03-24S05 Datasheet(HTML) 1 Page - Total Power International

  MIAR03-24S05 Datasheet HTML 1Page - Total Power International MIAR03-24S05 Datasheet HTML 2Page - Total Power International MIAR03-24S05 Datasheet HTML 3Page - Total Power International MIAR03-24S05 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIAR03 SERIES
DC/DC CONVERTER 3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/30 P5 Page 1 of 4
®
FEATURES
DIP-24 Plastic Package
Cost optimized Design
Fully Regulated Outputs
High Efficiency
Operating Temperature up to +75°C at full Load
Short Circuit Protection
Pin compatible with S200R Series
Input Filter meets EN 55022,class A and FCC, level A
3 Years Product Warranty
PRODUCT OVERVIEW
The MIAR03 series is a range of isolated 3W DC/DC converter modules featuring fully regulated output voltages and narrow input voltage ranges.Excellent
efficiency allow an operating temperature range of -40°C to +85°C (with Derating).The product comes in a DIP-24 Plastic package with alternative pinout
which makes these converters also a perfect replacement for the popular S200R series.These DC/DC converters offer a very economical solution for many
cost critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
µF
%
MIAR03-05S05
5
600
857
470
70
MIAR03-05S12
12
250
769
100
78
MIAR03-05S15
15
200
769
100
78
MIAR03-05D12
±12
±125
769
100#
78
MIAR03-05D15
5 ±10%
±15
±100
769
90
100#
78
MIAR03-12S05
5
600
338
470
74
MIAR03-12S12
12
250
316
100
79
MIAR03-12S15
15
200
316
100
79
MIAR03-12D12
±12
±125
316
100#
79
MIAR03-12D15
12 ±10%
±15
±100
316
45
100#
79
MIAR03-24S05
5
600
167
470
75
MIAR03-24S12
12
250
158
100
79
MIAR03-24S15
15
200
158
100
79
MIAR03-24D12
±12
±125
158
100#
79
MIAR03-24D15
24 ±10%
±15
±100
156
22
100#
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
7.5
12V Input Models
-0.7
---
15
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Short Circuit Input Power
---
---
2000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,classAand FCC part 15,classA


Similar Part No. - MIAR03-24S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIAR03-24S05 MINMAX-MIAR03-24S05 Datasheet
756Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package Cost optimized Design
More results

Similar Description - MIAR03-24S05

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
   DIP-24 Plastic Package
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
   DIP-24 Plastic Package
MIW06 TOTAL-POWER-MIW06 Datasheet
470Kb / 4P
   DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
logo
XP Power Limited
JTB03 XPPOWER-JTB03 Datasheet
108Kb / 2P
   DIP24 Metal Package
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100_17 Datasheet
403Kb / 4P
   DIP-24 Metal Package
logo
XP Power Limited
JTE XPPOWER-JTE Datasheet
246Kb / 2P
   DIP-24 Plastic Case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com