Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCW03-48D12 Datasheet(PDF) 1 Page - Total Power International

Part # MCW03-48D12
Description  High Power Density in SIP-8 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MCW03-48D12 Datasheet(HTML) 1 Page - Total Power International

  MCW03-48D12 Datasheet HTML 1Page - Total Power International MCW03-48D12 Datasheet HTML 2Page - Total Power International MCW03-48D12 Datasheet HTML 3Page - Total Power International MCW03-48D12 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High Power Density in SIP-8 Package
Small Footprint: 21.8 x 9.3 mm(0.86”x 0.37”)
Wide 2:1 Input Range
Fully Regulated Output
Operating Temp. Range -40°C to +85°C
Overload Protection
Remote On/Off Control
I/O-Isolation Voltage 1600VDC
UL/IEC/EN 60950-1 Safety Approval
3 Years Product Warranty
PRODUCT OVERVIEW
The MCW03 series is a range of isolated 3W DC/DC converter modules featuring fully regulated output and wide 2:1 input voltage ranges. The product
comes in a SIP-8 package with a very small footprint occupying only 2.0 cm2 (0.3 square in.) on the PCB.
An excellent efficiency allows an operating temperature range of -40°C to +85°C. Further features include remote On/Off control and over load protection.
The very compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications in battery-powered equipment
and instrumentation.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
µF
%
MCW03-05S033
3.3
700
175
651
1760
71
MCW03-05S05
5
600
150
822
1000
73
MCW03-05S12
12
250
63
759
170
79
MCW03-05S15
15
200
50
759
110
79
MCW03-05D05
±5
±300
±75
811
470 #
74
MCW03-05D12
±12
±125
±31
759
100 #
79
MCW03-05D15
5
(4.5 ~ 9)
±15
±100
±25
759
70
47 #
79
MCW03-12S033
3.3
700
175
257
1760
75
MCW03-12S05
5
600
150
321
1000
78
MCW03-12S12
12
250
63
301
170
83
MCW03-12S15
15
200
50
301
110
83
MCW03-12D05
±5
±300
±75
316
470 #
79
MCW03-12D12
±12
±125
±31
301
100 #
83
MCW03-12D15
12
(9 ~ 18)
±15
±100
±25
301
20
47 #
83
MCW03-24S033
3.3
700
175
128
1760
75
MCW03-24S05
5
600
150
160
1000
78
MCW03-24S12
12
250
63
151
170
83
MCW03-24S15
15
200
50
151
110
83
MCW03-24D05
±5
±300
±75
156
470 #
80
MCW03-24D12
±12
±125
±31
151
100 #
83
MCW03-24D15
24
(18 ~ 36)
±15
±100
±25
151
10
47 #
83
MCW03-48S033
3.3
700
175
64
1760
75
MCW03-48S05
5
600
150
80
1000
78
MCW03-48S12
12
250
63
75
170
83
MCW03-48S15
15
200
50
75
110
83
MCW03-48D05
±5
±300
±75
78
470 #
80
MCW03-48D12
±12
±125
±31
75
100 #
83
MCW03-48D15
48
(36 ~ 75)
±15
±100
±25
75
8
47 #
83
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MCW03-48D12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCW03-48D12 MINMAX-MCW03-48D12 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
More results

Similar Description - MCW03-48D12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
logo
Total Power Internation...
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com