Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIHW2037 Datasheet(PDF) 4 Page - Total Power International

Part # MIHW2037
Description  Reinforced Insulation rated for 300VAC Working Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIHW2037 Datasheet(HTML) 4 Page - Total Power International

  MIHW2037 Datasheet HTML 1Page - Total Power International MIHW2037 Datasheet HTML 2Page - Total Power International MIHW2037 Datasheet HTML 3Page - Total Power International MIHW2037 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MIHW2000 SERIES
DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0Ω at 100 KHz) to simulate source impedance. Capacitor Cin, offsets
possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load
between 50 mm and 75 mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Design & Feature Considerations
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited
duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back
into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In
applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor on the input to insure startup. By using a
good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 kHz) capacitor of a 4.7uF for the 24V input devices, a 2.2uF for the 48V devices and a 1uF for the
110V devices, capacitor mounted close to the power module helps ensure stability of the unit.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 3.3uF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Load
Cout
Maximum Capacitive Load
The MIHW2000 series has limitation of maximum connected capacitance on the output. The power module may operate in current limiting mode during start-up,
affecting the ramp-up and the startup time. Connect capacitors at the point of load for best performance. The maximum capacitance can be found in the data
sheet.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the
maximum temperature rating of the components inside the power module, the case temperature must be kept below 95
℃. The derating curves are determined
from measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MIHW2037

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW2037 MINMAX-MIHW2037 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2037 MINMAX-MIHW2037 Datasheet
289Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
More results

Similar Description - MIHW2037

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MIDR03M TOTAL-POWER-MIDR03M Datasheet
453Kb / 4P
   Insulation rated for 300VAC Working Voltage
MKW10M TOTAL-POWER-MKW10M Datasheet
550Kb / 4P
   Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
   REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com