Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIHW3023 Datasheet(PDF) 3 Page - Total Power International

Part # MIHW3023
Description  Reinforced Insulation rated for 300VAC Working Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIHW3023 Datasheet(HTML) 3 Page - Total Power International

  MIHW3023 Datasheet HTML 1Page - Total Power International MIHW3023 Datasheet HTML 2Page - Total Power International MIHW3023 Datasheet HTML 3Page - Total Power International MIHW3023 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIHW3000 SERIES
DC/DC CONVERTER 6W, R
einforced Insulation, Medical Safety
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 0-20 MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however, they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
11
No Pin
Common
12
-Vout
On Pin
13
+Vout
-Vout
15
No Pin
+Vout
23
-Vin
--Vin
24
-Vin
-Vin
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin pitch tolerance: ±0.25 (0.01)
Pin tolerance: ±0.05 (0.002)
Physical Characteristics
Case Size
:
31.8x20.3x12.0mm (1.25x0.8x0.47 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
18g
Bottom View
11
13
15
24
20.32 [0.80]
31.8 [1.25]
0.60 [0.024]
5.08
[0.20]
23
2.54
[0.10]
12
2.0
[0.08]
1
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MIHW3023

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW3023 MINMAX-MIHW3023 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3023 MINMAX-MIHW3023 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
More results

Similar Description - MIHW3023

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MIDR03M TOTAL-POWER-MIDR03M Datasheet
453Kb / 4P
   Insulation rated for 300VAC Working Voltage
MKW10M TOTAL-POWER-MKW10M Datasheet
550Kb / 4P
   Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
   REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com