Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW06-12S033 Datasheet(PDF) 1 Page - Total Power International

Part # MIW06-12S033
Description  DIP-24 Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW06-12S033 Datasheet(HTML) 1 Page - Total Power International

  MIW06-12S033 Datasheet HTML 1Page - Total Power International MIW06-12S033 Datasheet HTML 2Page - Total Power International MIW06-12S033 Datasheet HTML 3Page - Total Power International MIW06-12S033 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
DIP-24 Plastic Package
Wide 2:1 Input Range
High Efficiency up to 84%
Operating Temp. Range -40°C to +85°C
Overload Protection
I/O-Isolation Voltage 1500VDC (opt. 3000VDC)
Input Filter meets EN 55022,class A and FCC, level A
3 Years Product Warranty
PRODUCT OVERVIEW
The MIW06 series is a new range of high performance dc-dc converter modules with6W output power, featuring wide 2:1 input voltage ranges and tight
output voltage regulation. The product comes in a DIP-24 package with industry standard footprint.
Excellent efficiency allows an operation temperature range of -40°C to +85°C (with derating).Standard features include overload protection.
Typical applications for these cost optimized converters are battery powered equipment, instrumentation, datacom and industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MIW06-12S033
3.3
1200
440
470
75
MIW06-12S05
5
1200
641
470
78
MIW06-12S12
12
500
609
100
82
MIW06-12S15
15
400
609
100
82
MIW06-12S24
24
250
595
47
84
MIW06-12D05
±5
±500
534
100#
78
MIW06-12D12
±12
±250
609
100#
82
MIW06-12D15
12
(9 ~ 18)
±15
±200
609
40
30
100#
82
MIW06-24S033
3.3
1200
214
470
77
MIW06-24S05
5
1200
313
470
80
MIW06-24S12
12
500
298
100
84
MIW06-24S15
15
400
298
100
84
MIW06-24S24
24
250
298
47
84
MIW06-24D05
±5
±500
260
100#
80
MIW06-24D12
±12
±250
298
100#
84
MIW06-24D15
24
(18 ~ 36)
±15
±200
298
20
20
100#
84
MIW06-48S033
3.3
1200
107
470
77
MIW06-48S05
5
1200
156
470
80
MIW06-48S12
12
500
149
100
84
MIW06-48S15
15
400
149
100
84
MIW06-48S24
24
250
149
47
84
MIW06-48D05
±5
±500
130
100#
80
MIW06-48D12
±12
±250
149
100#
84
MIW06-48D15
48
(36 ~ 75)
±15
±200
149
10
15
100#
84
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MIW06-12S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW06-12S033 MINMAX-MIW06-12S033 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results

Similar Description - MIW06-12S033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
   DIP-24 Plastic Package
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
   DIP-24 Plastic Package
MIAR03 TOTAL-POWER-MIAR03 Datasheet
756Kb / 4P
   DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
logo
XP Power Limited
JTB03 XPPOWER-JTB03 Datasheet
108Kb / 2P
   DIP24 Metal Package
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100_17 Datasheet
403Kb / 4P
   DIP-24 Metal Package
logo
XP Power Limited
JTE XPPOWER-JTE Datasheet
246Kb / 2P
   DIP-24 Plastic Case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com