Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIHW3047 Datasheet(PDF) 1 Page - Total Power International

Part # MIHW3047
Description  Reinforced Insulation rated for 300VAC Working Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIHW3047 Datasheet(HTML) 1 Page - Total Power International

  MIHW3047 Datasheet HTML 1Page - Total Power International MIHW3047 Datasheet HTML 2Page - Total Power International MIHW3047 Datasheet HTML 3Page - Total Power International MIHW3047 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Reinforced Insulation rated for 300VAC Working Voltage
I/O-isolation Voltage 4000VACrms
Industrial & Medical Safety Approval
Wide 2:1 Input Voltage Range
Fully regulated Output Voltage
Low Leakage Current
Operating Temp. Range –40°C to +75 °C
Input Filter meets EN55022, class A
Overload Protection
3 Years Product Warranty
PRODUCT OVERVIEW
The MIHW3000 series is a range of high performance DC/DC converter modules with a reinforced insulation system .The I/O- isolation voltage is
specified for 4000VACrms.The product comes in a small DIP-24 package. All 12 models features wide 2:1 input voltage range and fully regulated output
voltage.
The MIHW3000 DC/DC converters offer an economical solution for demanding applications in industrial and medical instrumentation requesting a certified
high supplementary or reinforced insulation system to comply with relative industrial or medical safety standards.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
uF
%
MIHW3022
5
1000
200
570
1000
75
MIHW3023
12
500
100
641
470
78
MIHW3026
±12
±250
±50
641
220#
78
MIHW3027
12
(9 ~ 18)
±15
±200
±40
641
30
60
220#
78
MIHW3032
5
1000
200
278
1000
77
MIHW3033
12
500
100
313
470
80
MIHW3036
±12
±250
±50
313
220#
80
MIHW3037
24
(18 ~ 36)
±15
±200
±40
313
20
30
220#
80
MIHW3042
5
1000
200
139
1000
77
MIHW3043
12
500
100
156
470
80
MIHW3046
±12
±250
±50
156
220#
80
MIHW3047
48
(36 ~ 75)
±15
±200
±40
156
10
15
220#
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
7
8
9
24V Input Models
13
15
18
Start-Up Voltage
48V Input Models
30
33
36
12V Input Models
---
---
8.5
24V Input Models
---
---
16
Under Voltage Shutdown
48V Input Models
---
---
34
VDC
Short Circuit Input Power
---
---
3000
mW
Input Filter
Pi Filter
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MIHW3047

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW3047 MINMAX-MIHW3047 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3047 MINMAX-MIHW3047 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
More results

Similar Description - MIHW3047

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MIDR03M TOTAL-POWER-MIDR03M Datasheet
453Kb / 4P
   Insulation rated for 300VAC Working Voltage
MKW10M TOTAL-POWER-MKW10M Datasheet
550Kb / 4P
   Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
   REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com